Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 38Page - STMicroelectronics AN2836 Datasheet HTML 39Page - STMicroelectronics AN2836 Datasheet HTML 40Page - STMicroelectronics AN2836 Datasheet HTML 41Page - STMicroelectronics AN2836 Datasheet HTML 42Page - STMicroelectronics AN2836 Datasheet HTML 43Page - STMicroelectronics AN2836 Datasheet HTML 44Page - STMicroelectronics AN2836 Datasheet HTML 45Page - STMicroelectronics AN2836 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
Demonstration boards
AN2836
42/57
Doc ID 15084 Rev 1
this case the current that can be drawn from the board depends on the supply voltage and
on the value of R2.
Figure 46 to 48 show the placement of the components and the two-layer layout of the
L6225PD demonstration board. A large GND area has been used, to guarantee minimal
noise and good power dissipation for the device.
Figure 44.
EVAL6225PD board
A.2.1
Important notes
●
JP1: closed in INT position for use with PractiSPINTM ST7 board
●
R17, R21: set the maximum current obtainable through practiSPIN (see PractiSPINTM
documentation)
●
R2 : recommended to be changed to adequate value (depending on supply voltage) to
obtain 5 V across D3
●
JP2, JP3 : closed for safe overcurrent protection
●
JP4, JP5 : closed for use with PractiSPINTM ST7 board
●
JP6: open for use with PractiSPINTM ST7 board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com