Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 42Page - STMicroelectronics AN2836 Datasheet HTML 43Page - STMicroelectronics AN2836 Datasheet HTML 44Page - STMicroelectronics AN2836 Datasheet HTML 45Page - STMicroelectronics AN2836 Datasheet HTML 46Page - STMicroelectronics AN2836 Datasheet HTML 47Page - STMicroelectronics AN2836 Datasheet HTML 48Page - STMicroelectronics AN2836 Datasheet HTML 49Page - STMicroelectronics AN2836 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
Demonstration boards
AN2836
46/57
Doc ID 15084 Rev 1
The PC software also provides a power dissipation and thermal analysis section, intended
to help give a fast evaluation of the device, package and dissipating copper area required by
the user’s application, and to be a good starting point for designing an application (from the
power dissipation and thermal point of view).
Running the demonstration board in standalone mode, instead, R15 and R18 set the
reference voltage separately for the two bridges, while R8, C8 and R17, C9 are low-pass
filters which provide an external reference voltage by a PWM output of a
µC (see also the
microstepping section in the AN2839). Using external VREF inputs, R5, R15, R16, R18
should be disconnected, unless the practiSPIN ST7 demonstration board is used. This
board, in fact, is provided with an offset cancellation circuitry trimmable through a
potentiometer (see PractiSPINTM documentation).
R6, C10 and R7, C11 are used to set the off-time of the two channels of the IC.
Closing JP2 and JP3 is recommended for safe overcurrent protection.
The 5 V voltage for logic inputs and for references (VrefA and VrefB) is obtained from R2 and
D3. Depending on the supply voltage, the value of resistor R2 should be changed in order to
ensure a correct biasing of D3.
The jumper JP1 allows choosing the 5 V voltage from the internal Zener diode network or
pin 11 of CN5 (for example an external µC board can provide 5 V to the demonstration
board). Also a CN2 connector can be used to provide an external 5 V voltage to the board
(in that case R2, D3 should be disconnected). CN2, or pin 1 of CN5, can also be used to
provide a 5V voltage to external circuits (as, for example, the PractiSPINTM ST7 board). In
this case the current that can be drawn form the board depends on the supply voltage and
on the value of R2.
Figure 51 to Figure 53 show the placement of the components and the two-layer layout of
the L6227PD demonstration board. A large GND area has been used, to guarantee minimal
noise and good power dissipation for the device.
Figure 49.
EVAL6227PD board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com