Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 17Page - STMicroelectronics AN2836 Datasheet HTML 18Page - STMicroelectronics AN2836 Datasheet HTML 19Page - STMicroelectronics AN2836 Datasheet HTML 20Page - STMicroelectronics AN2836 Datasheet HTML 21Page - STMicroelectronics AN2836 Datasheet HTML 22Page - STMicroelectronics AN2836 Datasheet HTML 23Page - STMicroelectronics AN2836 Datasheet HTML 24Page - STMicroelectronics AN2836 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
AN2836
Designing an application with L6225, L6226, L6227
Doc ID 15084 Rev 1
21/57
Figure 15.
PWM output current regulation waveforms (L6227 only)
Figure 16 shows the magnitude of the OFF time tOFF versus COFF and ROFF values. It can
be approximately calculated from the equations:
tRCFALL = 0.6 · ROFF · COFF
tOFF = tRCFALL + tDT = 0.6 · ROFF · COFF + tDT
where ROFF and COFF are the external component values and tDT is the internally generated
deadtime with:
20 k
Ω ≤ R
OFF ≤ 100 kΩ
0.47 nF
≤ C
OFF ≤ 100 nF
tDT = 1 µs (typical value)
Therefore:
tOFF(MIN) = 6.6 µs
tOFF(MAX) = 6ms
These values allow a sufficient range of tOFF to implement the drive circuit for most motors.
The capacitor value chosen for COFF also affects the rise time tRCRISE of the voltage at the
pin RCA (or RCB). The rise time tRCRISE is only an issue if the capacitor is not completely
charged before the next time the monostable is triggered. Therefore, the on-time tON, which
depends on motor and supply parameters, has to be longer than tRCRISE in order to allow a
good current regulation by the PWM stage. Furthermore, the on-time tON cannot be shorter
than the minimum on-time tON(MIN).
Equation 10
Equation 11
tON tON MIN
()
>1.5
μs (typ. value)
=
tON tRCRISE tDT
>
t
RCRISE
600 C
OFF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com