Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 18Page - STMicroelectronics AN2836 Datasheet HTML 19Page - STMicroelectronics AN2836 Datasheet HTML 20Page - STMicroelectronics AN2836 Datasheet HTML 21Page - STMicroelectronics AN2836 Datasheet HTML 22Page - STMicroelectronics AN2836 Datasheet HTML 23Page - STMicroelectronics AN2836 Datasheet HTML 24Page - STMicroelectronics AN2836 Datasheet HTML 25Page - STMicroelectronics AN2836 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
Designing an application with L6225, L6226, L6227
AN2836
22/57
Doc ID 15084 Rev 1
4.12
Off-time selection and minimum on-time (L6227 only)
Figure 17 also shows the lower limit for the on-time tON for having a good PWM current
regulation capacity. It has to be said that t
ON is always longer than t
ON(MIN) because the
device imposes this condition, but it can be shorter than tRCRISE - tDT. In this last case the
device continues to work, but the off-time tOFF is no longer constant.
So, a small COFF value gives more flexibility for the applications (allows shorter on-time and,
therefore, higher switching frequency), but the smaller the value for COFF, the more
influential the noise on the circuit performance.
4.12.1
Slow decay mode (L6227 only)
Figure 18 shows the operation of the bridge in the slow decay mode. At the start of the off
time, the lower power MOSFET is switched off and the current recirculates around the upper
half of the bridge. Since the voltage across the coil is low, the current decays slowly. After
the deadtime the upper power MOSFET is operated in the synchronous rectification mode.
When the monostable times out, the lower power MOSFET is turned on again after a delay
set by the deadtime to prevent cross conduction.
Figure 16.
Typical off-time vs. COFF for several
values of ROFF
Figure 17.
Minimum on-time vs. COFF
AM01636v1
0.1
1
10
100
1
10
100
1 . 10
3
1 . 10
4
Coff [nF]
R = 20 k
Ω
R = 47 k
Ω
R = 100 k
Ω
AM01637v1
Coff [nF]
0.1
1
10
100
1
10
100
Coff [nF]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com