Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 24Page - STMicroelectronics AN2836 Datasheet HTML 25Page - STMicroelectronics AN2836 Datasheet HTML 26Page - STMicroelectronics AN2836 Datasheet HTML 27Page - STMicroelectronics AN2836 Datasheet HTML 28Page - STMicroelectronics AN2836 Datasheet HTML 29Page - STMicroelectronics AN2836 Datasheet HTML 30Page - STMicroelectronics AN2836 Datasheet HTML 31Page - STMicroelectronics AN2836 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
Designing an application with L6225, L6226, L6227
AN2836
28/57
Doc ID 15084 Rev 1
Figure 27.
Output current detection threshold versus RCL value (L6226 only)
The overcurrent detection threshold can also be adjusted through an external reference
voltage, as shown in Figure 28. The external reference voltage source should be able to sink
current (about 300 µA maximum). Moreover, if the supply voltage is provided to the L6226
before VEXT, and its EN pins are at a high logic level, the device starts working with minimum
OCD threshold (actually the capacitor placed at the bottom of RCL allows a short startup
time with a higher OCD threshold). VEXT can also be obtained through a PWM output of a
µC, adding a series resistor to obtain a low-pass filter.
The OCD threshold (ISOVER) follows the equation:
●
ISOVER =
±10%, at -25 °C < Tj < 125 °C if 0.25 A < ISOVER < 2.25 A
Figure 28.
Adjusting the OCD threshold through an external reference voltage
(L6226 only)
9208.3 1.2V
Vext
–
()
R
CL
-------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com