Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 29Page - STMicroelectronics AN2836 Datasheet HTML 30Page - STMicroelectronics AN2836 Datasheet HTML 31Page - STMicroelectronics AN2836 Datasheet HTML 32Page - STMicroelectronics AN2836 Datasheet HTML 33Page - STMicroelectronics AN2836 Datasheet HTML 34Page - STMicroelectronics AN2836 Datasheet HTML 35Page - STMicroelectronics AN2836 Datasheet HTML 36Page - STMicroelectronics AN2836 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
AN2836
Designing an application with L6225, L6226, L6227
Doc ID 15084 Rev 1
33/57
Figure 36.
L6225 paralleling the four half bridges
4.16
Power management
Even when operating at current levels well below the maximum ratings of the device, the
operating junction temperature must be kept below 125 °C.
Figure 38 shows the IC dissipated power versus the RMS load current, in the case of:
●
a single IC driving two loads (for instance 2 DC motors or a two-phase stepper motor)
●
or a single IC, with two full bridges paralleled (see Section 4.15: Paralleling two full
bridges) driving one load (for instance 1 DC motor or one phase of a two-phase stepper
motor) and assuming the supply voltage is 24 V.
Figure 37.
L6226 paralleling the four half bridges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com