Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 28Page - STMicroelectronics AN2836 Datasheet HTML 29Page - STMicroelectronics AN2836 Datasheet HTML 30Page - STMicroelectronics AN2836 Datasheet HTML 31Page - STMicroelectronics AN2836 Datasheet HTML 32Page - STMicroelectronics AN2836 Datasheet HTML 33Page - STMicroelectronics AN2836 Datasheet HTML 34Page - STMicroelectronics AN2836 Datasheet HTML 35Page - STMicroelectronics AN2836 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
Designing an application with L6225, L6226, L6227
AN2836
32/57
Doc ID 15084 Rev 1
Figure 35.
L6226 parallel connection for higher current
This configuration cannot be used with L6227, because of its internal PWM current
controllers that work separately for bridge A and bridge B. Using this configuration with the
L6227 may damage the device.
In this configuration the resulting bridge has the following characteristics (typical values):
●
Equivalent device: full bridge
●
RDS(on) HS + RDS(on) LS 0.73 Ω typ. value at TJ = 25 °C
●
2.8 A max RMS load current
●
5.6 A OCD threshold
It should be noted that using two separate loads for the two equivalent half bridges the
maximum current cannot be sourced or sinked simultaneously by the two equivalent half
bridges (for example to drive two separate loads), due to the 2.8 A maximum current limit for
the VS and SENSE pins (see Figure 29 and 30). When a single load is driven (see Figure 34
and 35), the RCLA and RCLB resistors connected to the PROGCL pins of L6226 should have
the same value.
4.15.2
Paralleling the four half bridges to get a single half bridge
It is also possible to parallel the four half bridges to obtain a simple half bridge as shown in
Figure 36 and 37.
This configuration cannot be used with L6227, because of its internal PWM current
controllers that work separately for bridge A and bridge B. Using this configuration with the
L6227 may damage the device.
The resulting half bridge has the following characteristics (typical values):
●
Equivalent device: half bridge
●
RDS(on) HS + RDS(on) LS 0.36 Ω typ. value at TJ = 25 °C
●
2.8 A max RMS load current
●
5.6 A OCD threshold
When the L6226 is used in this configuration, RCLA and RCLB resistors connected to
PROGCL pins must have the same value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com