Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2836 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2836
Description  Modern motion control applications need more flexibility that can be addressed
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2836 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2836 Datasheet HTML 33Page - STMicroelectronics AN2836 Datasheet HTML 34Page - STMicroelectronics AN2836 Datasheet HTML 35Page - STMicroelectronics AN2836 Datasheet HTML 36Page - STMicroelectronics AN2836 Datasheet HTML 37Page - STMicroelectronics AN2836 Datasheet HTML 38Page - STMicroelectronics AN2836 Datasheet HTML 39Page - STMicroelectronics AN2836 Datasheet HTML 40Page - STMicroelectronics AN2836 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
AN2836
Application example (L6227)
Doc ID 15084 Rev 1
37/57
5
Application example (L6227)
The bulk capacitor needs to withstand at least 24 V + 5% + 25%
≅ 32 V. A 50 V capacitor is
used. Allowing a voltage ripple of 200 mV, the capacitor ESR should be lower than 200 mV /
0.5 A = 400 m
Ω. The AC current capability should be about 0.5 A.
Providing a reference voltage of 0.5 V, a sensing resistor of 1
Ω is needed.
Loading the input data on the power dissipation and thermal analysis section, the resulting
switching frequency is 11.9 kHz. The on-time is tON = (1 / fSW) - tOFF ≅ 70 µs, which is far
from the minimum allowed (1.5 µs), so slow decay can be used. The duty cycle is D
≅ 78%.
The sense resistors’ power rating is about PR ≅ Irms
2 · R
SENSE · D ≅ 0.25 W.
A
1
Ω - 0.25 W - 1% resistor is used. The charge pump uses recommended components
(1N4148 diodes and ceramic capacitors).
R = 18 k
Ω, C = 1.2 nF are connected to the RC pins, obtaining t
OFF ≅ 16 µs. On the EN pins
5.6 nF capacitors have been placed, and the pins are driven by the µC through 100 k
Ω
resistors. With these values, in case of short-circuit between two OUT pins or an OUT pin
and GND, the powerDMOS turns off after about 1 µs, and tDISABLE ≅ 240 µs.
Table 2.
Application data
Application data
Value
Rotation speed
300 rpm (fCK=1 kHZ)
Winding peak current
0.5 A
Maximum ripple
50 mA
Supply voltage
24 V
± 5 %
Sequence
Wave mode
OFF time
15 µs
Table 3.
Motor data
Motor data
Value
Winding resistance
6.6
Ω
Winding inductance
7.9 mH
Step angle
1.8
° / step
Maximum BEMF at 300 rpm
15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com