Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 5Page - STMicroelectronics AN4376 Datasheet HTML 6Page - STMicroelectronics AN4376 Datasheet HTML 7Page - STMicroelectronics AN4376 Datasheet HTML 8Page - STMicroelectronics AN4376 Datasheet HTML 9Page - STMicroelectronics AN4376 Datasheet HTML 10Page - STMicroelectronics AN4376 Datasheet HTML 11Page - STMicroelectronics AN4376 Datasheet HTML 12Page - STMicroelectronics AN4376 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
DocID025380 Rev 1
9/37
AN4376
EVLHVLED815W10A - main characteristics and circuit description
37
2.1
LED current definition
The sense resistors R2 = 1.2
 ± 1% and R3 = 1.8  ± 1% sense the current flowing into the
inductor primary side and fix the output LED current according to Equation 1:
Equation 1
Where VCLED = [0.192 - 0.2 - 0.208] V is the equivalent internal voltage that includes Gi, Iref,
R parameters. and it is an internal parameters of the controller (see the HVLED815PF
device datasheet for more details [See 1. in Section 8: Supporting material on page 36] ).
2.2
LED current ripple definition
The output capacitor size and the LED current ripple definition have been calculated with
Equation 2:
Equation 2
For this demonstration board 3 parallel capacitor of 68
F-100 V have been selected to
have a current ripple of less than 100 mA pk-pk with 23 LEDs each with a dynamic
resistance of 0.8
.
2.3
DMG pin and OVP setting
Due to the topology the LED string load is connected to a floating output and the loop is
closed through a primary sensing regulation. From auxiliary winding, an accurate image of
the output voltage is fed to the DMG pin that is the inverting input of the internal, error
amplifier. Then R8 is connected to the auxiliary winding providing the inductor
demagnetization signal to the DMG pin and turning on the internal MOSFET at any
switching cycle. R8 value impacts on the voltage feed forward function and a 270 k
resistor has been selected for improving the line regulation (see the HVLED815PF
datasheet - section Voltage feed-forward block [1. in Section 8: Supporting material on
page 36]).
The divider composed by the R8 and R5 fixes the maximum output voltage VOVP at no load
(in case of LED -load disconnection) with Equation 3:
Equation 3
N = 3.8 ± 2% is turn-ratio between primary and auxiliary winding.
A
V
R s e n s e
V
I
C L E D
L E D
14
0
2
1
8
1
2
0
2
1
2
1
.
.
/ /
.
.
8 8 V
3 . 8
2 . 5 1 V
3 3 k Ω
2 . 5 1 V
2 7 0 k Ω
3 . 8
N
2 . 5 1 V
R 5
2 . 5 1 V
R 8
N
V
O V P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com