Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 9Page - STMicroelectronics AN4376 Datasheet HTML 10Page - STMicroelectronics AN4376 Datasheet HTML 11Page - STMicroelectronics AN4376 Datasheet HTML 12Page - STMicroelectronics AN4376 Datasheet HTML 13Page - STMicroelectronics AN4376 Datasheet HTML 14Page - STMicroelectronics AN4376 Datasheet HTML 15Page - STMicroelectronics AN4376 Datasheet HTML 16Page - STMicroelectronics AN4376 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
DocID025380 Rev 1
13/37
AN4376
Bill of material
37
4
Bill of material
Table 1. Bill of material
Ref.
Value
Description
Manufacturer
PCB
-
HVLED8XX HPF NI WR BULB EB rev. 2.0
TECNOMETAL
BD1
HD06-T
Bridge diode HD06-T 600 V 0.8 A Minidip
Diodes
C1
100 nF
CAP X2 305 V MKP P. 10
EPCOS
C2
220 nF
CAP X2 305 V MKP P. 15
EPCOS
C4
100 nF
Cap. ± 10% X7R 50 V 0805
KEMET
C5
2.2
F
Cap. ±1 0% X5R 25 V 0805
KEMET
C6
470 nF
Cap. ±1 0% X7R 25 V 0805
KEMET
C7, C17
2.2 nF
Cap. ± 5% C0G 50 V 0805
MURATA
C8
22
F
Cap. ± 20% EL. 50 V 105 °C rad. D5 P 2.5 mm
Panasonic
C10
2.2 nF
CAP X1 Y1 250 V CERAMIC P.10
Murata
C11, C12,
C16
68
F
Cap. ± 20% EL. 100 V 105 °C LL LOW ESR rad. D10 P 5 mm
Nichicon
C13, C14,
C15, C20
N.M.
-
-
C19
4.7
F
Cap. ± 10% X5R 50 V 1206
TAIYO YUDEN
D2
BAV20W
Diode rect. 150 V 200 mA SOD123
Diodes
D3
STTH2L06U
Diode rect. UFAST STTH2L06U 600 V 2 A SMB
STMicroelectronics
R13
120 k
Res.1/4 W 1% 100 ppm 1206 SMD
VISHAY
D7
BZV55-C18
Zener 18 V ± 5% 500 mW MINIMELF
NXP
F1
1 A - 250 V - fast
Fuse 1 A 250 V fast radial 8.4 mm x 7.7 mm P 5 mm
MULTICOM
J1
+Vout
Cable color red 0.5 mm2 L.50 mm, stripped and tinned 5 mm
-
J2
CON1
Cable color brown 0.5 mm2 L.50 mm, stripped and tinned 5 mm
-
J3
-Vout
Cable color black 0.5 mm2 L.50 mm, stripped and tinned 5 mm
-
J4
CON1
Cable color brown 0.5 mm2 L.50 mm, stripped and tinned 5 mm
-
L1 L2
2.2 mH
Choke RF 2.2 mH 250 mA axial D 6.5 L 12 mm
EPCOS
Q2
BC847C
NPN SML SIG G.P. AMP SOT23
NXP
R2
1.2
Res.1/4 W 1% 100 ppm 1206 SMD
Panasonic
R3
1.8
Res.1/4 W 1% 100 ppm 1206 SMD
Panasonic
R4
120 k
Res.1/8 W 1% 100 ppm 0805 SMD
VISHAY
R5
33 k
Res.1/8 W 1% 100 ppm 0805 SMD
VISHAY
R7
10 k
Res.1/8 W 1% 100 ppm 0805 SMD
VISHAY
R8
270 k
Res.1/4 W 1% 100 ppm 1206 SMD
VISHAY
R9
180
Res.1/8 W 1% 100 ppm 0805 SMD
VISHAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com