Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 15Page - STMicroelectronics AN4376 Datasheet HTML 16Page - STMicroelectronics AN4376 Datasheet HTML 17Page - STMicroelectronics AN4376 Datasheet HTML 18Page - STMicroelectronics AN4376 Datasheet HTML 19Page - STMicroelectronics AN4376 Datasheet HTML 20Page - STMicroelectronics AN4376 Datasheet HTML 21Page - STMicroelectronics AN4376 Datasheet HTML 22Page - STMicroelectronics AN4376 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
DocID025380 Rev 1
19/37
AN4376
Measurement results
37
6.7
Line regulation at different LED load number
Figure 16 shows the measured average output current versus line voltage at different
numbers of LEDs applied:
Figure 16. Line regulation at different LED load
When the LED string voltage drop is passing from 75 VDC to 50 VDC the controller is able
to maintain the current practically stable in all the input mains range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com