Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 14Page - STMicroelectronics AN4376 Datasheet HTML 15Page - STMicroelectronics AN4376 Datasheet HTML 16Page - STMicroelectronics AN4376 Datasheet HTML 17Page - STMicroelectronics AN4376 Datasheet HTML 18Page - STMicroelectronics AN4376 Datasheet HTML 19Page - STMicroelectronics AN4376 Datasheet HTML 20Page - STMicroelectronics AN4376 Datasheet HTML 21Page - STMicroelectronics AN4376 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Measurement results
AN4376
18/37
DocID025380 Rev 1
6.5
Driver efficiency at nominal load
The LED driver efficiency is up to 89%.
Figure 15. Efficiency vs. AC line voltage at nominal load
Efficiency at Japanese range is around 87% and increases to 88% at European voltage.
6.6
LED driver performance varying the number of LEDs
The performance of the LED driver has been collected varying the LED number and as
consequence the string voltage drops after a thermal warm-up (T = 1 h). In Table 2 are
shown the descriptions of the loads applied and corresponding to a total voltage drop after
a warm-up:
Table 2. LED string voltage specification
LED number
String voltage drop
Variation respect to nominal
voltage
23 LEDs
68.3 VDC
- 2.4%
25 LEDs
74.0 VDC
+ 5.7%
21 LEDs
62.3 VDC
- 11%
18 LEDs
53.2 VDC
- 24%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com