Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 12Page - STMicroelectronics AN4376 Datasheet HTML 13Page - STMicroelectronics AN4376 Datasheet HTML 14Page - STMicroelectronics AN4376 Datasheet HTML 15Page - STMicroelectronics AN4376 Datasheet HTML 16Page - STMicroelectronics AN4376 Datasheet HTML 17Page - STMicroelectronics AN4376 Datasheet HTML 18Page - STMicroelectronics AN4376 Datasheet HTML 19Page - STMicroelectronics AN4376 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Measurement results
AN4376
16/37
DocID025380 Rev 1
6
Measurement results
The EVLHVLED815W10A non-isolated LED driver demonstration board has been tested
using the following instrumentations/load:
Agilent Technologies 6813B
AC source
YOGOGAWA® WT210
watt meter
Tektronix® DP07054 500 MHz
digital oscilloscope
Tektronix TCP0030
current probe
TELEDYNE LECROY PPE4kV 100:1 400 MHz
high-voltage probe
KEITHLEY 2000
digital multimeter
Avio TVS-200 P
thermal video system
CHROMA TECHNOLOGY CORP® 6314
DC electronic load
SEOUL SEMICONDUCTOR Z-Power LED P4
LED series
6.1
LED driver performance at nominal load 70 VDC - 140 mA
First measurement set has been collected using a nominal load with an LED voltage drop of
70 VDC. Following Equation 1 the current flowing into the LED is set by: R2 = 1.2
 ± 1%
and R3 = 1.8
 ± 1% at 140 mA.
6.2
Line regulation at nominal load
Figure 12 shows the measured average output current versus line voltage at the nominal
load:
Figure 12. LED current vs. AC line voltage
The output current is 140 mA ± 1% over all the input voltage range [85 - 265] VAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com