Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 27Page - STMicroelectronics AN4376 Datasheet HTML 28Page - STMicroelectronics AN4376 Datasheet HTML 29Page - STMicroelectronics AN4376 Datasheet HTML 30Page - STMicroelectronics AN4376 Datasheet HTML 31Page - STMicroelectronics AN4376 Datasheet HTML 32Page - STMicroelectronics AN4376 Datasheet HTML 33Page - STMicroelectronics AN4376 Datasheet HTML 34Page - STMicroelectronics AN4376 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
DocID025380 Rev 1
31/37
AN4376
PFC waveforms
37
Figure 43. Bottom side thermal map with 23 LED load
Vin = 230 VAC - 23 LEDs
Point
Temperature
Description
A
52.1 °C
D4 - 1206 resistor
B
52.9 °C
R13
C
53.2 °C
R17
D
52.6 °C
R15
E
67.4 °C
HVLED815PF
F
56.7 °C
R25
G
56.7 °C
R26
H
48.5 °C
D3
Vin = 230 VAC - 23 LEDs
Point
Temperature
Description
A
50.7 °C
D4 - 1206 resistor
B
50.4 °C
R13
C
50.7 °C
R17
D
50.2 °C
R15
E
61.6 °C
HVLED815PF
F
54.5 °C
R25
G
54.5 °C
R26
H
47.9 °C
D3
Vin = 230 VAC - 23 LEDs
Point
Temperature
Description
A
60.3 °C
D4 - 1206 resistor
B
59.0 °C
R13
C
59.8 °C
R17
D
57.9 °C
R15
E
57.2 °C
HVLED815PF
F
52.3 °C
R25
G
51.0 °C
R26
H
47.4 °C
D3
Vin = 230 VAC - 23 LEDs
Point
Temperature
Description
A
68.8 °C
D4 - 1206 resistor
B
65.8 °C
R13
C
66.1 °C
R17
D
64.8 °C
R15
E
61.3 °C
HVLED815PF
F
54.7 °C
R25
G
54.5 °C
R26
H
47.9 °C
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com