Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 21Page - STMicroelectronics AN4376 Datasheet HTML 22Page - STMicroelectronics AN4376 Datasheet HTML 23Page - STMicroelectronics AN4376 Datasheet HTML 24Page - STMicroelectronics AN4376 Datasheet HTML 25Page - STMicroelectronics AN4376 Datasheet HTML 26Page - STMicroelectronics AN4376 Datasheet HTML 27Page - STMicroelectronics AN4376 Datasheet HTML 28Page - STMicroelectronics AN4376 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
DocID025380 Rev 1
25/37
AN4376
PFC waveforms
37
7.3
ILED pin modulation with the line voltage
From Figure 26 to Figure 31, the effect off the ILED pin modulation through a divider
connected to the mains is represented. The effect is a very sinusoidal shape at nominal
mains voltage 100 VAC and 230 VAC with high performance in terms of PF and THD.
Figure 26. ILED pin operation at 85 VAC
Figure 27. ILED pin operation at 100 VAC
CH1: VIN
CH2: BJT-base
CH3: ILED pin
CH4: C5 capacitor
CH1: VIN
CH2: BJT-base
CH3: ILED pin
CH4: C5 capacitor
Figure 28. ILED pin operation at 130 VAC
Figure 29. ILED pin operation at 175 VAC
CH1: VIN
CH2: BJT-base
CH3: ILED pin
CH4: C5 capacitor
CH1: VIN
CH2: BJT-base
CH3: ILED pin
CH4: C5 capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com