Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 24Page - STMicroelectronics AN4376 Datasheet HTML 25Page - STMicroelectronics AN4376 Datasheet HTML 26Page - STMicroelectronics AN4376 Datasheet HTML 27Page - STMicroelectronics AN4376 Datasheet HTML 28Page - STMicroelectronics AN4376 Datasheet HTML 29Page - STMicroelectronics AN4376 Datasheet HTML 30Page - STMicroelectronics AN4376 Datasheet HTML 31Page - STMicroelectronics AN4376 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
PFC waveforms
AN4376
28/37
DocID025380 Rev 1
7.6
Short-circuit and output current limitation
During a short-circuit of the output connector, all the energy stored in the output electrolytic
capacitor is discharged into the output side loop, so that no current will flow to the external
LED, thus preventing their failure.
When the output capacitor is shorted, the HVLED815PF device works with the internal self-
supply function because no charging current came from the auxiliary winding. The controller
doesn't stop switching but reduces the on-time to its minimum level. The selection of the
R24 and R24 allows limiting the output diode current at a level of about 260 mA. Increasing
Figure 38. Short-circuit of the output connector
at 100 VAC - 50 Hz
Figure 39. Short-circuit removal
at 100 VAC - 50 Hz
CH1: output LED driver current
CH2: DMG
CH3: VOUT
CH4: VCC
CH1: output LED driver current
CH2: DMG
CH3:V OUT
CH4:V CC
Figure 40. Short-circuit of the output connector
at 230 VAC - 50 Hz
Figure 41. Short-circuit removal
at 230 VAC - 50 Hz
CH1: output LED driver current
CH2: DMG
CH3: VOUT
CH4: VCC
CH1: output LED driver current
CH2: DMG
CH3: VOUT
CH4: VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com