Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 7Page - STMicroelectronics AN4376 Datasheet HTML 8Page - STMicroelectronics AN4376 Datasheet HTML 9Page - STMicroelectronics AN4376 Datasheet HTML 10Page - STMicroelectronics AN4376 Datasheet HTML 11Page - STMicroelectronics AN4376 Datasheet HTML 12Page - STMicroelectronics AN4376 Datasheet HTML 13Page - STMicroelectronics AN4376 Datasheet HTML 14Page - STMicroelectronics AN4376 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
DocID025380 Rev 1
11/37
AN4376
EVLHVLED815W10A - main characteristics and circuit description
37
Figure 8. ILED pin modulation with the input mains voltage
In Section 7.3: ILED pin modulation with the line voltage on page 25 is showed the behavior
of the ILED pin depending on the action of the switch represented by the BJT Q2 (SW in
Figure 8, Q2 in Figure 9). At the low line the switch is Off (BJT base is low) and the pin is
modulated by the divider composed by RAC_H and RAC_L1. When, at the high line, the
BJT is ON the pin ILED is modulated by a different ratio of the divider (RAC_H and the
parallel of RAC_L1 with RAC_L2) in order to keep the same dynamic on the ILED pin.
2.6
High-voltage start-up generator and VCC capacitor
At a startup, a 5.5 mA internal current source of the HVLED815PF device [1. in Section 8:
Supporting material on page 36] charges the VCC capacitor (C8), until the voltage on the
pin Vcc reaches the start-up threshold, and then it is shut down. With a 22
f of the VCC
capacitor, the device turns-on typically in:
Equation 5
The T1 auxiliary winding (pins 4 - 5) and a diode D2 and a limiting resistor R9 generate
a constant VCC voltage that powers externally the HVLED815PF device during normal TM
(transition mode) operation. See the real behavior in Section 7.4: Controller startup and
light-ON on page 26.
m s
m A
V
F
I
V
C
T
e
c h
O N
C C
V c c
u p
S t a r t
52
5
5
13
22
.
a r g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com