Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 20Page - STMicroelectronics AN4376 Datasheet HTML 21Page - STMicroelectronics AN4376 Datasheet HTML 22Page - STMicroelectronics AN4376 Datasheet HTML 23Page - STMicroelectronics AN4376 Datasheet HTML 24Page - STMicroelectronics AN4376 Datasheet HTML 25Page - STMicroelectronics AN4376 Datasheet HTML 26Page - STMicroelectronics AN4376 Datasheet HTML 27Page - STMicroelectronics AN4376 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
PFC waveforms
AN4376
24/37
DocID025380 Rev 1
7.2
Transition mode operation
During ON-time, the peak drain current is modulated by a signal proportional to the ILED
pin. This reference sets the turn-off of the MOSFET.
The MOSFET turn-on depends on the DMG signal that senses the demagnetization of the
drain current realizing a transition mode operation.
A primary inductance of 1.1 mH has been selected in order to obtain the converter switching
frequency into the interval [35 - 70] kHz (Magnetica PN-2267.0001).
Figure 22. Transition mode operation
at 100 VAC - 50 Hz
Figure 23. Transition mode operation
at 100 VAC - 50 Hz -zoom of signals
CH1: DRAIN
CH2: CS
CH3: ILED
CH4: DMG
CH1: DRAIN
CH2: CS
CH3: ILED
CH4: DMG
Figure 24. Transition mode operation
at 230 VAC - 50 Hz
Figure 25. Transition mode operation
at 230 VAC - 50 Hz - zoom of signals
CH1: DRAIN
CH2: CS
CH3: ILED
CH4: DMG
CH1: DRAIN
CH2: CS
CH3: ILED
CH4: DMG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com