Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 10Page - STMicroelectronics AN4376 Datasheet HTML 11Page - STMicroelectronics AN4376 Datasheet HTML 12Page - STMicroelectronics AN4376 Datasheet HTML 13Page - STMicroelectronics AN4376 Datasheet HTML 14Page - STMicroelectronics AN4376 Datasheet HTML 15Page - STMicroelectronics AN4376 Datasheet HTML 16Page - STMicroelectronics AN4376 Datasheet HTML 17Page - STMicroelectronics AN4376 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Bill of material
AN4376
14/37
DocID025380 Rev 1
R10
62 k
Res.1/8 W 1% 100 ppm 0805 SMD
VISHAY
R12, R21
51 k
Res.1/8 W 1% 100 ppm 0805 SMD
VISHAY
R11, R19
N.M.
-
-
R15, R17
180 k
Res.1/4 W 1% 100 ppm 1206 SMD
WELWYN
R16
0
Res. 0
 0603 SMD
VISHAY
R20
20 k
Res.1/8 W 1% 100 ppm 0805 SMD
VISHAY
R22
6.2 k
Res.1/8 W 1% 100 ppm 0805 SMD
VISHAY
R23, R24
4.7 k
Res.1/8 W 1% 100 ppm 0805 SMD
VISHAY
R25, R26
3.9
Res.1/4 W 1% 100 ppm 1206 SMD
VISHAY
T1
2267.0001
Inductor L = 1.1 mH 0.6 A core EF20
Magnetica
U1
HVLED815PF
Offline LED driver HVLED815PF SO16
STMicroelectronics
Table 1. Bill of material (continued)
Ref.
Value
Description
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com