Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 23Page - STMicroelectronics AN4376 Datasheet HTML 24Page - STMicroelectronics AN4376 Datasheet HTML 25Page - STMicroelectronics AN4376 Datasheet HTML 26Page - STMicroelectronics AN4376 Datasheet HTML 27Page - STMicroelectronics AN4376 Datasheet HTML 28Page - STMicroelectronics AN4376 Datasheet HTML 29Page - STMicroelectronics AN4376 Datasheet HTML 30Page - STMicroelectronics AN4376 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
DocID025380 Rev 1
27/37
AN4376
PFC waveforms
37
7.5
OVP protection and no load behavior
During a load disconnection the HVLED815PF device senses the output voltage through the
DMG pin and controls the voltage loop in order to regulate the output capacitor voltage to
a level below its maximum rating (100 V) (see the HVLED815PF datasheet [1. in Section 8:
Supporting material on page 36]).
As shown in Figure 35 and Figure 37 the converter works in a burst mode during no load
condition. No current is flowing into the LED load.
Figure 34. Load disconnection
at 100 VAC - 50 Hz
Figure 35. No load behavior
at 100 VAC - 50 Hz
CH1: DRAIN
CH2: IOUT
CH3: VOUT
CH4: DMG
CH1: DRAIN
CH2: IOUT
CH3: VOUT
CH4: DMG
Figure 36. Load disconnection
at 230 VAC - 50 Hz
Figure 37. No load behavior
at 230 VAC - 50 Hz
CH1: DRAIN
CH2: IOUT
CH3: VOUT
CH4: DMG
CH1: DRAIN
CH2: IOUT
CH3: VOUT
CH4: DMG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com