Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 18Page - STMicroelectronics AN4376 Datasheet HTML 19Page - STMicroelectronics AN4376 Datasheet HTML 20Page - STMicroelectronics AN4376 Datasheet HTML 21Page - STMicroelectronics AN4376 Datasheet HTML 22Page - STMicroelectronics AN4376 Datasheet HTML 23Page - STMicroelectronics AN4376 Datasheet HTML 24Page - STMicroelectronics AN4376 Datasheet HTML 25Page - STMicroelectronics AN4376 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Measurement results
AN4376
22/37
DocID025380 Rev 1
6.10
LED driver efficiency at different LED load number
Figure 19 shows the efficiency versus the line.
Figure 19. Efficiency versus AC line voltage at different LED load
Varying the number of the LEDs , the efficiency remains comparable with the nominal load,
of course increasing the load to 25 LEDs means increasing the converter output power till
11.5 W. Section 7.7: Thermal measurements on page 29 shows that the HVLED815PF
device is not overeating and is able to support this load properly.
Note:
Important: In this design a sort of short-circuit protection has been previewed, the R25 and
R26 in series with the diode have been added to sense the short-circuit of the output
connectors. If this function is not needed, the two parallel resistors could be removed and
the converter efficiency will increase of 1.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com