Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 16Page - STMicroelectronics AN4376 Datasheet HTML 17Page - STMicroelectronics AN4376 Datasheet HTML 18Page - STMicroelectronics AN4376 Datasheet HTML 19Page - STMicroelectronics AN4376 Datasheet HTML 20Page - STMicroelectronics AN4376 Datasheet HTML 21Page - STMicroelectronics AN4376 Datasheet HTML 22Page - STMicroelectronics AN4376 Datasheet HTML 23Page - STMicroelectronics AN4376 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Measurement results
AN4376
20/37
DocID025380 Rev 1
6.8
Power factor at different LED load number
Following relation of the AN1059, the power factor performance is directly related to the
output voltage of the buck-boost. For this reason when the load is composed only by 18
LEDs corresponding to a load 30% lower the nominal specification, the power factor
remains above 0.9 only at low mains till 200 VAC.
A good power factor performance for the light market can be reached decreasing the load
from 23 LEDs to a minimum level of 21 LEDs.
Figure 17 shows the measured power factor (PF) at different LED load.
Figure 17. Power factor versus AC line voltage at different LED load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com