Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4376 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4376
Description  10 W wide range non-isolated high power factor LED driver using HVLED815PF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4376 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4376 Datasheet HTML 29Page - STMicroelectronics AN4376 Datasheet HTML 30Page - STMicroelectronics AN4376 Datasheet HTML 31Page - STMicroelectronics AN4376 Datasheet HTML 32Page - STMicroelectronics AN4376 Datasheet HTML 33Page - STMicroelectronics AN4376 Datasheet HTML 34Page - STMicroelectronics AN4376 Datasheet HTML 35Page - STMicroelectronics AN4376 Datasheet HTML 36Page - STMicroelectronics AN4376 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
DocID025380 Rev 1
35/37
AN4376
PFC waveforms
37
7.9
Conducted emission pre-compliance test
From Figure 48 to Figure 51 are the average measurements of the conducted noise with 23
LED load and nominal mains voltages. The limits shown on the diagrams are those of the
EN55022 Class-B, which is the most popular standard for domestic equipment. As visible in
the diagrams, good margins with respect to the limits are present in all test conditions.
Increasing the CX capacitor value of the EMI filter will improve the safe margin but affecting
the PF. A compromise has been fixed in this design.
Note that a CY capacitor between the negative output pin of the converter and ground has
been placed to filter common mode noise flowing into the demonstration board.
Figure 48. 100 VAC and 23 LED load - phase
Figure 49. 100 VAC and 23 LED load - neutral
Figure 50. 230 VAC and 23 LED load - phase
Figure 51. 230 VAC and 23 LED load - neutral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com