Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 53 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 49Page - STMicroelectronics RM0352 Datasheet HTML 50Page - STMicroelectronics RM0352 Datasheet HTML 51Page - STMicroelectronics RM0352 Datasheet HTML 52Page - STMicroelectronics RM0352 Datasheet HTML 53Page - STMicroelectronics RM0352 Datasheet HTML 54Page - STMicroelectronics RM0352 Datasheet HTML 55Page - STMicroelectronics RM0352 Datasheet HTML 56Page - STMicroelectronics RM0352 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 138 page
background image
DocID024647 Rev 1
53/138
RM0352
ARM© dual timer module (SP804)
137
Figure 9 shows how the timer clock enable is generated by the prescaler.
Figure 9. Prescale clock enable generation
Figure 10 shows an example of how the prescaler generates the timer clock enable for
a prescaler setting of divide by 16.
Figure 10. Example timing diagram of prescaler clock enable generation
Timer operation
After the initial application and release of PRESETn, the Timer state is initialized as follows:
•
The counter is disabled, TimerEn = 0
•
Free running mode is selected, TimerMode = 0 and OneShot = 0
•
16-bit counter mode is selected, TimerSize = 0
•
Prescalers are set to divide by 1, TimerPre = 0x0
•
Interrupts are cleared but enabled, IntEnable = 1
•
The load register is set to zero
•
The counter value is set to 0xFFFFFFFF.
The operation in each of the three Timer modes is described in:
•
Free running mode
•
Periodic mode
•
One-shot mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com