Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 29 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 25Page - STMicroelectronics RM0352 Datasheet HTML 26Page - STMicroelectronics RM0352 Datasheet HTML 27Page - STMicroelectronics RM0352 Datasheet HTML 28Page - STMicroelectronics RM0352 Datasheet HTML 29Page - STMicroelectronics RM0352 Datasheet HTML 30Page - STMicroelectronics RM0352 Datasheet HTML 31Page - STMicroelectronics RM0352 Datasheet HTML 32Page - STMicroelectronics RM0352 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 138 page
background image
DocID024647 Rev 1
29/138
RM0352
Clock and reset management unit
137
2.
The field HS_OSC_SEL is programmed to select the clock output from the 3-way
clock-switch. It is the root point for the processor clock. It can be programmed as per
Table 12.
1.
The 80 MHz clock is passed through a programmable clock divider to generate the
UART clock. If the field UART_DIVFACTOR is written with 0x0 or 0x1 the clock will not
be divided otherwise the clock will be divided by a value in the range 2, 3 to 127.
Table 12. Processor clock root selection
HS_OSC_SEL [7:6]
Processor clock
00
80 MHz clock
01
32 KHz clock
10
External single ended clock
11
External single ended clock
Table 13. CRMU_CCR1
Address
Bit
Field name
Reset
R/W
Description
CRMU_BASE + 0x8
6:0
UART_DIVFACTOR
7'b0
R/W
UART clock divide factor
Table 14. CRMU_CCR2
Address
Bit
Field name
Reset
R/W
Description
CRMU_BASE + 0xC
0
GPIO_EN
1'b0
R/W
Enable for GPIO
1
UART_EN
1'b0
R/W
Enable for UART
2
SPI_EN
1'b0
R/W
Enable for SPI
3
I2C1_EN
1'b0
R/W
Enable for I
2
C1
4
I2C2_EN
1'b0
R/W
Enable for I
2
C2
5 - 8
RESERVED
RESERVED
9
WDG_EN
1'b0
R/W
Enable for WDG
10
TIMER0_EN
1'b0
R/W
Enable for TIMER0
11
TIMER1_EN
1'b0
R/W
Enable for TIMER1
12
TIMER2_EN
1'b0
R/W
Enable for TIMER2
13
TIMER3_EN
1'b0
R/W
Enable for TIMER3
14
TIMER4_EN
1'b0
R/W
Enable for TIMER4
15
TIMER5_EN
1'b0
R/W
Enable for TIMER5
16
TIMER6_EN
1'b0
R/W
Enable for TIMER6
17
TIMER7_EN
1'b0
R/W
Enable for TIMER7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com