Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 28 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 24Page - STMicroelectronics RM0352 Datasheet HTML 25Page - STMicroelectronics RM0352 Datasheet HTML 26Page - STMicroelectronics RM0352 Datasheet HTML 27Page - STMicroelectronics RM0352 Datasheet HTML 28Page - STMicroelectronics RM0352 Datasheet HTML 29Page - STMicroelectronics RM0352 Datasheet HTML 30Page - STMicroelectronics RM0352 Datasheet HTML 31Page - STMicroelectronics RM0352 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 138 page
background image
Clock and reset management unit
RM0352
28/138
DocID024647 Rev 1
1.
The field PROC_CLK_SEL is programmed to select the clock output from the 4-way
clock-switch. It can be programmed as in
Table 11.
Table 9. CRMU_CCR0
Address
Bit
Field name
Reset
R/W
Description
CRMU_BASE + 0x4
3:0
PROC_DIVFACTOR
(1)
4'b0000
R/W
Divide factor for the even clock divider
5:4
PROC_CLK_SEL
2'b00
R/W
Select for processor clock switch
7:6
HS_OSC_SEL
2'b00
R/W
Select internal 80 MHz clock oscillator as
source for high speed clock
8
LS_OSC_SEL
1'b1
R/W
Select internal 32 KHz clock oscillator as
source for 32 KHz clock
9
EXT_XO_EN
1'b0
R/W
Enable for external single ended clock
10
ANA_PD80M
1'b0
R/W
Enable for 80 MHz internal oscillator
11
ANA_CLK_OEN
1'b0
R/W
Output enable for IO6 in serial0 and serial1
modes
12
RESERVED
1'b1
R/W
1.
The field PROC_DIVFACTOR is used to program the divide factor for the even divider of system clock (see
Section 5.2.1
on page 21). It can be programmed as per Table 10.
Table 10. Processor even divide factors
PROC divfactor[3:0]
Division
0000
2
0001
2
0010
4
0011
6
0100
8
0101
10
0110
16
0111
20
1000
32
Table 11. Processor clock selection
PROC select [5:4]
Processor clock
00
32 KHz/80 MHz/EXT_XO clock divided by 5
01
32 KHz/80 MHz/EXT_XO clock divided by
PROC_DIVFACTOR
10
32 KHz/80 MHz/EXT_XO clock divided by 3
11
32 KHz/80 MHz/EXT_XO clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com