Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 32 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 28Page - STMicroelectronics RM0352 Datasheet HTML 29Page - STMicroelectronics RM0352 Datasheet HTML 30Page - STMicroelectronics RM0352 Datasheet HTML 31Page - STMicroelectronics RM0352 Datasheet HTML 32Page - STMicroelectronics RM0352 Datasheet HTML 33Page - STMicroelectronics RM0352 Datasheet HTML 34Page - STMicroelectronics RM0352 Datasheet HTML 35Page - STMicroelectronics RM0352 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 138 page
background image
Embedded Flash memory
RM0352
32/138
DocID024647 Rev 1
6.3
Flash controller registers
6.3.1
Interrupt registers
The interrupt status, raw status and the mask register all have the same bit definition:
Table 18. Flash APB registers
Address
offset
Name
Width
RW
Reset
Description
0x00
COMMAND
8
RW
(1)
0x0000_0000
Commands for the module. See
Table 20: Flash
command register on page 34.
0x04
CONFIG
2
RW
(1)
0x0000_0049
Configure the wrapper. See
Table 21: Flash CONFIG
register on page 35.
0x08
IRQSTAT
5
RC
(2)
0x0000_0000
Flash status interrupts (masked). See
Table 19: Flash
interrupt register on page 32.
0x0C
IRQMASK
5
RW
(1)
0x0000_003F
Mask for interrupts. See
Table 19: Flash interrupt
register on page 32.
0x10
IRQRAW
5
RC
(2)
0x0000_0000
Status interrupts (unmasked). See
Table 19: Flash
interrupt register on page 32.
0x14
DATA
32
RW
(1)
0x0000_0000
Program cycle data. See
Section 6.3.2: Data register
on page 33.
0x18
ADDRESS
14
RW
(1)
0x0000_0000
Address for programming Flash, will auto-increment.
See
Section 6.3.3: Address register on page 33.
0x1C
UNLOCKM
32
RW
(1)
0xFFFF_FFFF
Unlock codeword (MSW): when test mode is active, the
Flash needs to be protected with an unlock code. See
Section 6.3.6: Unlock registers on page 36.
0x20
UNLOCKL
32
RW
(1)
0xFFFF_FFFF
Unlock codeword (LSW): when test mode is active, the
Flash needs to be protected with an unlock code. See
Section 6.3.6: Unlock registers on page 36.
0x24
LFSRVAL
32
RO
(3)
0xFFFF_FFFF
LFSR register needed for check after MASS READ
command. See
Section 6.3.7: LFSR register on
page 36
0x28 to
0x30
RESERVED
-
-
-
RESERVED
1.
RW = read and write.
2.
RC = read and write to clear.
3.
RO = read-only.
Table 19. Flash interrupt register
Bit
Name
Description
0
CMDDONE
Command is done.
1
CMDSTART
Command is started.
2
CMDERR
Command written while BUSY.
3
ILLCMD
Illegal command written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com