Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 13 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 9Page - STMicroelectronics RM0352 Datasheet HTML 10Page - STMicroelectronics RM0352 Datasheet HTML 11Page - STMicroelectronics RM0352 Datasheet HTML 12Page - STMicroelectronics RM0352 Datasheet HTML 13Page - STMicroelectronics RM0352 Datasheet HTML 14Page - STMicroelectronics RM0352 Datasheet HTML 15Page - STMicroelectronics RM0352 Datasheet HTML 16Page - STMicroelectronics RM0352 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
DocID024647 Rev 1
13/138
RM0352
System and memory overview
137
2.2
Memory organization
Introduction
Program memory, data memory, registers and I/O ports are organized within the same linear
4-Gbyte address space.
The bytes are coded in memory in Little Endian format. The lowest numbered byte in a word
is considered the word's least significant byte and the highest numbered byte the most
significant.
The addressable memory space is divided into 16 main blocks, each of 256 MB. All the
memory areas that are not allocated to on-chip memories and peripherals are considered
“RESERVED”.
For the detailed mapping of an available memory and register areas, please refer to the
memory map in
Table 2 and to the register lists detailed in each of the peripheral sections
(
Table 5 on page 20 in Section 4: GPIO to Table 114 on page 119 in Section 12: UART
(universal asynchronous receive transmit)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com