Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 30 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 26Page - STMicroelectronics RM0352 Datasheet HTML 27Page - STMicroelectronics RM0352 Datasheet HTML 28Page - STMicroelectronics RM0352 Datasheet HTML 29Page - STMicroelectronics RM0352 Datasheet HTML 30Page - STMicroelectronics RM0352 Datasheet HTML 31Page - STMicroelectronics RM0352 Datasheet HTML 32Page - STMicroelectronics RM0352 Datasheet HTML 33Page - STMicroelectronics RM0352 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 138 page
background image
Clock and reset management unit
RM0352
30/138
DocID024647 Rev 1
Table 15. CRMU_ECCR0(1)
Address
Bit
Field name
Reset
R/W
Description
CRMU_BASE + 0x10
0
PRAM_SINGLE_ERR
1'b0
R
ECC single error
correction signal
1
PRAM_DOUBLE_ERR
1'b0
R
ECC double error
detection signal
7:2
PRAM_FAIL_BIT
6'b0
R
ECC fail bit position
provided after single error
correction
15:8
RESERVED
8'b0
-
-
31:16
PRAM_FAIL_ADDR
16'b0
R
ECC fail address
1.
This register is cleared on read.
Table 16. CRMU_ECCR1
Address
Bit
Field name
Reset
R/W
Description
CRMU_BASE + 0x14
0
ECC_BYPASS
1'b0
R/W
Bypass the ECC
1
ECC_DEBUG
1'b0
R/W
Put the ECC in debug
mode used for test only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com