Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 25 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 21Page - STMicroelectronics RM0352 Datasheet HTML 22Page - STMicroelectronics RM0352 Datasheet HTML 23Page - STMicroelectronics RM0352 Datasheet HTML 24Page - STMicroelectronics RM0352 Datasheet HTML 25Page - STMicroelectronics RM0352 Datasheet HTML 26Page - STMicroelectronics RM0352 Datasheet HTML 27Page - STMicroelectronics RM0352 Datasheet HTML 28Page - STMicroelectronics RM0352 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 138 page
background image
DocID024647 Rev 1
25/138
RM0352
Clock and reset management unit
137
Figure 3. Reset generation
5.3.2
Power-on reset
The power-on reset signal is the combination of the POR signal and the BOR signal
generated by the analog circuitry contained in the Brain device. The combination of these
signals is used to generate the PORESETn input to the Cortex-M0 which is used to reset
the debug access port (DAP) of the processor. It is also used to generate the DBGRESETn
signal which resets the debug logic of the Cortex-M0. The power-on reset signal also resets
the TAP controller of the Brain device.
5.3.3
ECC reset
The Brain device contains an error code correction circuitry associated with the program
memory. The ECC block takes the data read from the memories containing the ECC bits
and decodes the data to check the validity of the data being read. If a single bit error occurs
the ECC algorithm flags the error and automatically repairs the incorrect bit. If two data bits
are in error the ECC algorithm flags the double error and a reset is generated in the Brain
device. The reset will affect the Cortex-M0 and all its peripherals including the Flash
controller.
5.3.4
Watchdog reset
The Brain contains a watchdog circuit which may be used to recover from software crashes.
The watchdog contains a 32-bit down counter which generates an interrupt, if the interrupt is
not serviced the watchdog will generate a reset. The watchdog reset will reset the Flash
controller, the Cortex-M0 and all its peripherals but it will not reset the debug circuitry of the
Cortex-M0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com