Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 69 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 65Page - STMicroelectronics RM0352 Datasheet HTML 66Page - STMicroelectronics RM0352 Datasheet HTML 67Page - STMicroelectronics RM0352 Datasheet HTML 68Page - STMicroelectronics RM0352 Datasheet HTML 69Page - STMicroelectronics RM0352 Datasheet HTML 70Page - STMicroelectronics RM0352 Datasheet HTML 71Page - STMicroelectronics RM0352 Datasheet HTML 72Page - STMicroelectronics RM0352 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 138 page
background image
DocID024647 Rev 1
69/138
RM0352
System timer (SysTick)
137
Type:
R/W
Reset:
Description:
SysTick reload value register
To generate a multi-shot timer with a period of N processor clock cycles, use a RELOAD
value of N-1. For example, if the SysTick interrupt is required every 100 clock pulses, set
RELOAD to 99.
9.3.3
SysTick current value register (SYST_CVR)
Address:
SysTick BaseAddress + 0x008
Type:
R/W
Reset:
Description:
SysTick current value register
9.3.4
SysTick calibration value register (SYST_CALIB)
Address:
SysTick BaseAddress + 0x00C
Type:
R/O
[31:24]
RESERVED
[23:0]
RELOAD: value to load into the SYST_CVR when the counter is enabled and
when reaches zero.
The RELOAD value can be any value in the range 0x00000001-0x00FFFFFF.
Programming 0x00000000 has no effect because the SysTick exception
request and COUNTFLAG are activated when counting down from 1 to 0.
Table 68. SysTick current value register
SysTick current value register (SYST_CVR)
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
16
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
RESERVED
CURRENT
[31:24]
RESERVED
[23:0]
CURRENT: read returns the current value of the SysTick counter.
A write of any value clears the field to zero and clears the
SYST_CSR.COUNTFLAG bit to zero.
Table 69. SysTick calibration value register
SysTick calibration value register (SYST_CALIB)
31
30
29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876
543210
NOREF SKEW
RESERVED
TENMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com