Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 73 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 69Page - STMicroelectronics RM0352 Datasheet HTML 70Page - STMicroelectronics RM0352 Datasheet HTML 71Page - STMicroelectronics RM0352 Datasheet HTML 72Page - STMicroelectronics RM0352 Datasheet HTML 73Page - STMicroelectronics RM0352 Datasheet HTML 74Page - STMicroelectronics RM0352 Datasheet HTML 75Page - STMicroelectronics RM0352 Datasheet HTML 76Page - STMicroelectronics RM0352 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 138 page
background image
DocID024647 Rev 1
73/138
RM0352
I2C bus interface
137
10.2
I2C register descriptions
10.2.1
I2C control register (I2C_CR)
Table 71. I2C control register (I2C_CR)
Address:
I2CBaseAddress + 0x00
Type:
R/W
Reset:
0x00000002 for I2C1 and 0x00000000 for I2C2
Description:
I
2
C control register
I2C control register (I2C_CR)
31 30 29 28
27
26
25 24 23 22 21 20
19
18
17
16
15
14 13 12
11
10
9
8
7
6
5
4
3
2
1
0
R
R/W R/W
R/W
R/
W
R/
W
R/
W
R/
W
R/
W
R/W
R/
W
R/
W
R/W R/WR/W R/W R/W R/W R/W R/W R/W
[27]
ENBTIMEOUT: timeout enable (SMBUS mode) This bit is used to enable
timeout check.
•
When setting this bit in slave mode: the interrupt TIMEOUT is triggered
and slave resets the communication and lines are released.
•
When setting this bit in master mode: the interrupt TIMEOUT is triggered
and master generates STOP condition.
0: timeout disabled
1: timeout enabled
[26]
FRC_STRTCH: clock stretching force (SMBUS mode)
This bit is used to force clock stretching in master and slave mode. Clock
stretching is started after ACK when:
1- I2C_SR: LENGTH = I2C_SMB_SCR: LENGTH AND
I2C_CR:FRC_STRTCH = '1'(master mode)
OR
2- I2C_SR: LENGTH = I2C_MCR: LENGTH AND I2C_CR: FRC_STRTCH =
'1' (slave mode)
0: clock stretching disabled
1: clock stretching forced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com