Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 44 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 40Page - STMicroelectronics RM0352 Datasheet HTML 41Page - STMicroelectronics RM0352 Datasheet HTML 42Page - STMicroelectronics RM0352 Datasheet HTML 43Page - STMicroelectronics RM0352 Datasheet HTML 44Page - STMicroelectronics RM0352 Datasheet HTML 45Page - STMicroelectronics RM0352 Datasheet HTML 46Page - STMicroelectronics RM0352 Datasheet HTML 47Page - STMicroelectronics RM0352 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 138 page
background image
Watchdog timer (WDG)
RM0352
44/138
DocID024647 Rev 1
7.2.7
Watchdog lock register WDT_LOCK
Use of this register allows write access to all other registers to be disabled. This is to
prevent rogue software from disabling the watchdog functionality. Writing a value of
0x1ACCE551 will enable write access to all other registers; writing any other value will
disable write accesses. A read from this register will return only the least significant bit:
•
0x0 indicates that write access is enabled (not locked)
•
0x1 indicates that write access is disabled (locked).
Table 40 shows the bit assignment of the WDT_LOCK register.
Table 39. Watchdog lock register WDT_LOCK
7.2.8
Watchdog peripheral identification register WDTPeriphID0-3
The WDTPeriphID0-3 registers are four 8-bit registers, that span the address location
0xFE0 to 0xFEC. The registers are read-only.
Table 41. Watchdog peripheral identification register WDTPeriphID0-3 - part 1
WDT_LOCK (WDT Base + 0xC00)
Reset value: 0x0000_0000
31
30 29 28 27 26 25 24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LOCKVAL
R/W
Table 40. WDT_LOCK register bit fields
Bit field
Function
LOCKVAL
Watchdog lock value
When read, returns the lock status:
0x0: write access to all watchdog other registers is enabled (default).
0x1: write access to all watchdog other registers is disabled.
When written, allows to enable or disable write access to all other watchdog registers:
Writing 0x1ACCE551: Write access to all other registers is enabled. Writing any other value: Write
access to all other registers is disabled.
WDTPeriphID0 (WDT Base + 0xFE0)
Reset value: 0x0000_0005
31
30
29
28
27
26
25
24
23
22
21
20
19
18 17 16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
Part number 0
RR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com