Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 35 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 31Page - STMicroelectronics RM0352 Datasheet HTML 32Page - STMicroelectronics RM0352 Datasheet HTML 33Page - STMicroelectronics RM0352 Datasheet HTML 34Page - STMicroelectronics RM0352 Datasheet HTML 35Page - STMicroelectronics RM0352 Datasheet HTML 36Page - STMicroelectronics RM0352 Datasheet HTML 37Page - STMicroelectronics RM0352 Datasheet HTML 38Page - STMicroelectronics RM0352 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 138 page
background image
DocID024647 Rev 1
35/138
RM0352
Embedded Flash memory
137
The APB actions that need to be performed are:
Write ADDRESS register value of the word you want to write.
Write DATA register with the value you want to program.
Write PROGRAM command value to the COMMAND register.
MASS WRITE
One word can be programmed to every location in program memory.
The APB actions that need to be performed are:
Write DATA register with the value you want to program.
Write MASS WRITE command value to the COMMAND register.
MASS READ
Every location in program memory can be read with one command.
The APB actions that need to be performed are:
Write DATA with the value you want to compare with (if READOK flag needs to be
checked). There is no need to write the DATA register to read the signature in the
LFSRVAL register).
Write MASS READ command value to the COMMAND register.
READOK can be checked to see if all locations matched the DATA register value
(READOK = '1'), or if one or more locations mismatched (READOK = '0').
Every mass read will generate a readable signature (register LFSRVAL).
6.3.5
CONFIG register
The Flash can be read in one system clock cycle (the best for power consumption) when the
system clock is 16 MHz maximum, at lower frequencies the Flash is still functional. For
higher frequency,
Table 22 shall be taken into account:
Table 21. Flash CONFIG register
Bit
Name
Description
0REGISTERED
0 = read access of 1 system clock.
1 = read access of 2 system clock with registered value.
1
REMAP
Remap bit for top-level use.
2
RESERVED
RESERVED
3
RESERVED
RESERVED - Do not modify
5:4
WAIT[1:0]
Wait states for high clock speed above 16 MHz
6
RESERVED
RESERVED - Do not modify



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com