Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 67 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 63Page - STMicroelectronics RM0352 Datasheet HTML 64Page - STMicroelectronics RM0352 Datasheet HTML 65Page - STMicroelectronics RM0352 Datasheet HTML 66Page - STMicroelectronics RM0352 Datasheet HTML 67Page - STMicroelectronics RM0352 Datasheet HTML 68Page - STMicroelectronics RM0352 Datasheet HTML 69Page - STMicroelectronics RM0352 Datasheet HTML 70Page - STMicroelectronics RM0352 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 138 page
background image
DocID024647 Rev 1
67/138
RM0352
System timer (SysTick)
137
9
System timer (SysTick)
9.1
About the SysTick
The Brain device also includes a system timer (SysTick) that can be used by an operating
system to ease porting from another platform. The SysTick can be polled by software or can
be configured to generate an interrupt. The SysTick interrupt has its own entry in the vector
table and therefore can have its own handler. For more details on SysTick system timer, see
“ARMv6-M Architecture Reference Manual”.
9.2
SysTick registers
The SysTick is configured through the four registers described in
Table 65. Those registers
are located in the System Control Space (SCS) memory area of the Cortex-M0 subsystem.
The SysTick base address is 0xE000_E010.
Table 65. SysTick registers
Address
Name
Type
Reset value
Description
SysTick base + 0x000
SYST_CSR
RW
0x00000004
SysTick control and status.
Basic control of SysTick e.g. enable, clock source,
interrupt or poll. See
Section 9.3.1: SysTick control
and status register (SYST_CSR) on page 68.
SysTick base + 0x004
SYST_RVR
RW
-
SysTick reload value.
Value to load current value register when 0 is
reached. See
Section 9.3.2: SysTick reload value
register (SYST_RVR) on page 68.
SysTick base + 0x008
SYST_CVR
RW
-
SysTick current value. See
Section 9.3.3: SysTick
current value register (SYST_CVR) on page 69.
SysTick base + 0x00C
SYST_CALIB
RO
0x80000000
SysTick calibration value.
Might contain the number of ticks to generate a 10
ms interval and other information, depending on
implementation. See
Section 9.3.4: SysTick
calibration value register (SYST_CALIB) on
page 69.
SysTick base + 0x010
to 0x0FF
RESERVED
-
-
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com