Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 37 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 33Page - STMicroelectronics RM0352 Datasheet HTML 34Page - STMicroelectronics RM0352 Datasheet HTML 35Page - STMicroelectronics RM0352 Datasheet HTML 36Page - STMicroelectronics RM0352 Datasheet HTML 37Page - STMicroelectronics RM0352 Datasheet HTML 38Page - STMicroelectronics RM0352 Datasheet HTML 39Page - STMicroelectronics RM0352 Datasheet HTML 40Page - STMicroelectronics RM0352 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 138 page
background image
DocID024647 Rev 1
37/138
RM0352
Embedded Flash memory
137
Figure 4. Flash wrapper state machine operation
6.5
Flash protection (ready state)
After the recall, the 64-bit key stored in the Flash will be read by the Flash wrapper (one idle
cycle between the two 32-bit reads). The Flash readout protection code is at the address
0x1001_FFF8 (this must match UNLOCKM register value) and 0x1001_FFFC (this must
match UNLOCKL register value) of the Flash. The AHB read accesses to the memory are
stalled (not ready) if they are intended for the Flash while fetching the two unlock codes from
Flash. Both 64-bit keys (the APB and Flash code) are compared only once when the Cortex-
M0 is halted.
In locked state, the following restrictions apply:
Read access from the AHB will result in fixed data value of 0x0, HRESP will return
ERROR.
Full erase is allowed, partial erase is not allowed (to avoid erasure of the access key
without erasure of the whole program).
Table 20: Flash command register on page 34
gives an overview of the possible commands when Flash lock is active.
Table 24. Flash locking modes
CPU IN HALT
Register match
Flash access
0-
Unlocked
1No
Locked
1
Yes
Unlocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com