Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 95 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 91Page - STMicroelectronics RM0352 Datasheet HTML 92Page - STMicroelectronics RM0352 Datasheet HTML 93Page - STMicroelectronics RM0352 Datasheet HTML 94Page - STMicroelectronics RM0352 Datasheet HTML 95Page - STMicroelectronics RM0352 Datasheet HTML 96Page - STMicroelectronics RM0352 Datasheet HTML 97Page - STMicroelectronics RM0352 Datasheet HTML 98Page - STMicroelectronics RM0352 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 138 page
background image
DocID024647 Rev 1
95/138
RM0352
I2C bus interface
137
10.2.16
I2C setup time START condition F/S (I2C_TSUSTA_FST_STD)
Table 86. I2C setup time START condition F/S (I2C_TSUSTA_FST_STD)
Address:
I2CBaseAddress + 0x058
Type:
RW
Reset:
0x001D00E2
Description:
The I2C_TSUSTA_FST_STD register, that controls the SETUP time START
condition for F/S mode. The register is read-write.
10.2.17
SMBUS slave control register (I2C_SMB_SCR)
Table 87. SMBUS slave control register (I2C_SMB_SCR)
Address:
I2CBaseAddress + 0x060
Type:
RW
Reset:
0x00000000
Description:
SMBUS slave control register (SMBUS MODE)
Note:
The LENGTH is used in the slave transmitter to send PEC and in the slave receiver to check
PEC when the I2C_CR:SMBUS = '1' and I2C_CR:ENPEC = '1'.
The PEC is not included: i.e LENGTH = SIZE-OF (data, command, Byte count).
I2C setup time START condition F/S (I2C_TSUSTA_FST_STD)
31 30
29
28
27
26 25 24 23
22
21
20
19
18 17 16 15 14 13
12 11 10
9
8
7
6
5
4
3
2
1
0
RESERVED
I2C_TSUSTA_FST
RESERVED
I2C_TSUSTA_STD
RRW
R
RW
[24:16]
I2C_TSUSTA_FST: setup time START condition value for fast mode
according to fast mode. Once the counter is expired the START condition is
generated.
[8:0]
I2C_TSUSTA_STD: setup time START condition value for standard mode.
After a non-stop in SCL line the decimeter loads the value of the
I2C_TSUSTA_STD according to standard mode. Once the counter is expired
the START condition is generated.
SMBUS slave control register (I2C_SMB_SCR)
31
30
29
28 27
26
25
24
23
22
21
20
19
18
17
16
15
14 13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
LENGTH
DSA7
DUAL
RRW
RW
RW
[18:8]
LENGTH: The I2C_SMB_SCR registers transaction length. Defines the
length, in terms of number of bytes to be transmitted or received. In case of
read-from-slave operation or write-to- slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com