Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0352 Datasheet(PDF) 39 Page - STMicroelectronics

Part # RM0352
Description  Brain smart hub family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0352 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button RM0352 Datasheet HTML 35Page - STMicroelectronics RM0352 Datasheet HTML 36Page - STMicroelectronics RM0352 Datasheet HTML 37Page - STMicroelectronics RM0352 Datasheet HTML 38Page - STMicroelectronics RM0352 Datasheet HTML 39Page - STMicroelectronics RM0352 Datasheet HTML 40Page - STMicroelectronics RM0352 Datasheet HTML 41Page - STMicroelectronics RM0352 Datasheet HTML 42Page - STMicroelectronics RM0352 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 138 page
background image
DocID024647 Rev 1
39/138
RM0352
Watchdog timer (WDG)
137
disabled the watchdog counter is also stopped, and when the interrupt is enabled the
counter will start from the programmed value, not the last count value.
Write access to the registers within the watchdog timer can be disabled by the use of the
watchdog lock register. Writing a value of 0x1ACC_E551 to this WDT_LOCK register allows
write access to all other registers; writing any other value disables write access. This feature
is included to allow some protection against software which might otherwise disable the
watchdog functionality.
7.2
WDG registers
The device communicates to the system via 32-bit-wide control registers accessible via the
AMBA™ rev. 2.0 “Advanced Peripheral Bus” (APB). These registers are listed in
Table 26
on page 39 and are described in details on the following pages.
The WDG base address is 0xAA00_0000.
Table 26. WDG register list
Address
Name
Description
WDG base + 0x000
WDT_LR
Watchdog load value register. See
Section 7.2.1:
Watchdog load register (WDT_LR) on page 41.
WDG base + 0x004
WDT_VAL
Watchdog current value (read-only) register. See
Section 7.2.2: Watchdog value register WDT_VAL on
page 41.
WDG base + 0x008
WDT_CR
Watchdog control register. See
Section 7.2.3:
Watchdog control register WDT_CR on page 42.
WDG base + 0x00C
WDT_ICR
Watchdog interrupt clear register. See
Section 7.2.4:
Watchdog interrupt clear register WDT_ICR on
page 42.
WDG base + 0x010
WDT_RIS
Watchdog raw interrupt status register. See
Section 7.2.5: Watchdog raw interrupt status register
WDT_RIS on page 43.
WDG base + 0x014
WDT_MIS
Watchdog masked interrupt status register. See
Section 7.2.6: Watchdog masked interrupt status
register WDT_MIS on page 43.
WDG base + 0x01C to 0xBFC
-
RESERVED
WDG base + 0xC00
WDT_LOCK
Watchdog lock register. See
Section 7.2.7: Watchdog
lock register WDT_LOCK on page 44.
WDG base + 0xC04 to 0xFDC
-
RESERVED
WDG base + 0xFE0
WDTPeriphID0
Peripheral identification register bits 7:0. See
Section 7.2.8: Watchdog peripheral identification
register WDTPeriphID0-3 on page 44.
WDG base + 0xFE4
WDTPeriphID1
Peripheral identification register bits 15:8. See
Section 7.2.8: Watchdog peripheral identification
register WDTPeriphID0-3 on page 44.
WDG base + 0xFE8
WDTPeriphID2
Peripheral identification register bits 23:16. See
Section 7.2.8: Watchdog peripheral identification
register WDTPeriphID0-3 on page 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com