Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 147 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 143Page - STMicroelectronics PM0056 Datasheet HTML 144Page - STMicroelectronics PM0056 Datasheet HTML 145Page - STMicroelectronics PM0056 Datasheet HTML 146Page - STMicroelectronics PM0056 Datasheet HTML 147Page - STMicroelectronics PM0056 Datasheet HTML 148Page - STMicroelectronics PM0056 Datasheet HTML 149Page - STMicroelectronics PM0056 Datasheet HTML 150Page - STMicroelectronics PM0056 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 156 page
background image
DocID15491 Rev 5
147/156
PM0056
Core peripherals
4.4.12
Memory management fault address register (SCB_MMFAR)
Address offset: 0x34
Reset value: undefined
Required privilege: Privileged
4.4.13
Bus fault address register (SCB_BFAR)
Address offset: 0x38
Reset value: undefined
Required privilege: Privileged
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
MMFAR[31:16]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
76
54
3
21
0
MMFAR[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:0
MMFAR[31:0]: Memory management fault address
When the MMARVALID bit of the MMFSR is set to 1, this field holds the address of the
location that generated the memory management fault.
When an unaligned access faults, the address is the actual address that faulted. Because a
single read or write instruction can be split into multiple aligned accesses, the fault address
can be any address in the range of the requested access size.
Flags in the MMFSR register indicate the cause of the fault, and whether the value in the
MMFAR is valid. See Configurable fault status register (SCB_CFSR) on page 142.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
BFAR[31:16]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
76
54
3
21
0
BFAR[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:0
BFAR[31:0]: Bus fault address
When the BFARVALID bit of the BFSR is set to 1, this field holds the address of the location
that generated the bus fault.
When an unaligned access faults the address in the BFAR is the one requested by the
instruction, even if it is not the address of the fault.
Flags in the BFSR register indicate the cause of the fault, and whether the value in the BFAR
is valid. See Configurable fault status register (SCB_CFSR) on page 142.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com