Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 144 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 140Page - STMicroelectronics PM0056 Datasheet HTML 141Page - STMicroelectronics PM0056 Datasheet HTML 142Page - STMicroelectronics PM0056 Datasheet HTML 143Page - STMicroelectronics PM0056 Datasheet HTML 144Page - STMicroelectronics PM0056 Datasheet HTML 145Page - STMicroelectronics PM0056 Datasheet HTML 146Page - STMicroelectronics PM0056 Datasheet HTML 147Page - STMicroelectronics PM0056 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 156 page
background image
Core peripherals
PM0056
144/156
DocID15491 Rev 5
Bit 10
IMPRECISERR: Imprecise data bus error
When the processor sets this bit to 1, it does not write a fault address to the BFAR.
This is an asynchronous fault. Therefore, if it is detected when the priority of the current
process is higher than the bus fault priority, the bus fault becomes pending and becomes
active only when the processor returns from all higher priority processes. If a precise fault
occurs before the processor enters the handler for the imprecise bus fault, the handler detects
both IMPRECISERR set to 1 and one of the precise fault status bits set to 1.
0: No imprecise data bus error
1: A data bus error has occurred, but the return address in the stack frame is not related to
the instruction that caused the error.
Bit 9
PRECISERR: Precise data bus error
When the processor sets this bit is 1, it writes the faulting address to the BFAR.
0: No precise data bus error
1: A data bus error has occurred, and the PC value stacked for the exception return points to
the instruction that caused the fault.
Bit 8
IBUSERR: Instruction bus error
The processor detects the instruction bus error on prefetching an instruction, but it sets the
IBUSERR flag to 1 only if it attempts to issue the faulting instruction.
When the processor sets this bit is 1, it does not write a fault address to the BFAR.
0: No instruction bus error
1: Instruction bus error.
Bit 7
MMARVALID: Memory Management Fault Address Register (MMAR) valid flag
If a memory management fault occurs and is escalated to a hard fault because of priority, the
hard fault handler must set this bit to 0. This prevents problems on return to a stacked active
memory management fault handler whose MMAR value has been overwritten.
0: Value in MMAR is not a valid fault address
1: MMAR holds a valid fault address.
Bits 6:5
Reserved, must be kept cleared
Bit 4
MSTKERR: Memory manager fault on stacking for exception entry
When this bit is 1, the SP is still adjusted but the values in the context area on the stack might
be incorrect. The processor has not written a fault address to the MMAR.
0: No stacking fault
1: Stacking for an exception entry has caused one or more access violations.
Bit 3
MUNSTKERR: Memory manager fault on unstacking for a return from exception
This fault is chained to the handler. This means that when this bit is 1, the original return stack
is still present. The processor has not adjusted the SP from the failing return, and has not
performed a new save. The processor has not written a fault address to the MMAR.
0: No unstacking fault
1: Unstack for an exception return has caused one or more access violations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com