Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 140 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 136Page - STMicroelectronics PM0056 Datasheet HTML 137Page - STMicroelectronics PM0056 Datasheet HTML 138Page - STMicroelectronics PM0056 Datasheet HTML 139Page - STMicroelectronics PM0056 Datasheet HTML 140Page - STMicroelectronics PM0056 Datasheet HTML 141Page - STMicroelectronics PM0056 Datasheet HTML 142Page - STMicroelectronics PM0056 Datasheet HTML 143Page - STMicroelectronics PM0056 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 156 page
background image
Core peripherals
PM0056
140/156
DocID15491 Rev 5
System handler priority register 3 (
SCB_SHPR3)
Address: 0xE000 ED20
Reset value: 0x0000 0000
Required privilege: Privileged
4.4.9
System handler control and state register (SCB_SHCSR)
Address offset: 0x24
Reset value: 0x0000 0000
Required privilege: Privileged
The SHCSR enables the system handlers, and indicates:
•
The pending status of the bus fault, memory management fault, and SVC exceptions
•
The active status of the system handlers.
If you disable a system handler and the corresponding fault occurs, the processor treats the
fault as a hard fault.
You can write to this register to change the pending or active status of system exceptions.
An OS kernel can write to the active bits to perform a context switch that changes the
current exception type.
•
Software that changes the value of an active bit in this register without correct
adjustment to the stacked content can cause the processor to generate a fault
exception. Ensure software that writes to this register retains and subsequently
restores the current active status.
•
After you have enabled the system handlers, if you have to change the value of a bit in
this register you must use a read-modify-write procedure to ensure that you change
only the required bit.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
PRI_15[7:4]
PRI_15[3:0]
PRI_14[7:4]
PRI_14[3:0]
rw
rw
rw
rw
r
r
r
r
rw
rw
rw
rw
r
r
r
r
15
14
13
12
11
10
9
8
76
54
3
21
0
Reserved
Bits 31:24
PRI_15[7:0]: Priority of system handler 15, SysTick exception
Bits 23:16
PRI_14[7:0]: Priority of system handler 14, PendSV
Bits 15:0
Reserved, must be kept cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com