Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 141 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 137Page - STMicroelectronics PM0056 Datasheet HTML 138Page - STMicroelectronics PM0056 Datasheet HTML 139Page - STMicroelectronics PM0056 Datasheet HTML 140Page - STMicroelectronics PM0056 Datasheet HTML 141Page - STMicroelectronics PM0056 Datasheet HTML 142Page - STMicroelectronics PM0056 Datasheet HTML 143Page - STMicroelectronics PM0056 Datasheet HTML 144Page - STMicroelectronics PM0056 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 156 page
background image
DocID15491 Rev 5
141/156
PM0056
Core peripherals
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
USG
FAULT
ENA
BUS
FAULT
ENA
MEM
FAULT
ENA
rw
rw
rw
15
14
13
12
11
10
9
8
76
54
3
21
0
SV
CALL
PEND
ED
BUS
FAULT
PEND
ED
MEM
FAULT
PEND
ED
USG
FAULT
PEND
ED
SYS
TICK
ACT
PEND
SV
ACT
Res.
MONIT
OR
ACT
SV
CALL
ACT
Reserved
USG
FAULT
ACT
Res.
BUS
FAULT
ACT
MEM
FAULT
ACT
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:19
Reserved, must be kept cleared
Bit 18
USGFAULTENA: Usage fault enable bit, set to 1 to enable(1)
Bit 17
BUSFAULTENA: Bus fault enable bit, set to 1 to enable(1)
Bit 16
MEMFAULTENA: Memory management fault enable bit, set to 1 to enable(1)
Bit 15
SVCALLPENDED: SVC call pending bit, reads as 1 if exception is pending(2)
Bit 14
BUSFAULTPENDED: Bus fault exception pending bit, reads as 1 if exception is pending(2)
Bit 13
MEMFAULTPENDED: Memory management fault exception pending bit, reads as 1 if
exception is pending(2)
Bit 12
USGFAULTPENDED: Usage fault exception pending bit, reads as 1 if exception is pending(2)
Bit 11
SYSTICKACT: SysTick exception active bit, reads as 1 if exception is active(3)
Bit 10
PENDSVACT: PendSV exception active bit, reads as 1 if exception is active
Bit 9
Reserved, must be kept cleared
Bit 8
MONITORACT: Debug monitor active bit, reads as 1 if Debug monitor is active
Bit 7
SVCALLACT: SVC call active bit, reads as 1 if SVC call is active
Bits 6:4
Reserved, must be kept cleared
Bit 3
USGFAULTACT: Usage fault exception active bit, reads as 1 if exception is active
Bit 2
Reserved, must be kept cleared
Bit 1
BUSFAULTACT: Bus fault exception active bit, reads as 1 if exception is active
Bit 0
MEMFAULTACT: Memory management fault exception active bit, reads as 1 if exception is
active
1. Enable bits, set to 1 to enable the exception, or set to 0 to disable the exception.
2. Pending bits, read as 1 if the exception is pending, or as 0 if it is not pending. You can write to these bits to change the
pending status of the exceptions.
3. Active bits, read as 1 if the exception is active, or as 0 if it is not active. You can write to these bits to change the active
status of the exceptions, but see the Caution in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com