Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0056 Datasheet(PDF) 142 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 138Page - STMicroelectronics PM0056 Datasheet HTML 139Page - STMicroelectronics PM0056 Datasheet HTML 140Page - STMicroelectronics PM0056 Datasheet HTML 141Page - STMicroelectronics PM0056 Datasheet HTML 142Page - STMicroelectronics PM0056 Datasheet HTML 143Page - STMicroelectronics PM0056 Datasheet HTML 144Page - STMicroelectronics PM0056 Datasheet HTML 145Page - STMicroelectronics PM0056 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 156 page
background image
Core peripherals
PM0056
142/156
DocID15491 Rev 5
4.4.10
Configurable fault status register (SCB_CFSR)
Address offset: 0x28
Reset value: 0x0000 0000
Required privilege: Privileged
The CFSR is byte accessible. You can access the CFSR or its subregisters as follows:
•
Access the complete CFSR with a word access to 0xE000ED28
•
Access the MMFSR with a byte access to 0xE000ED28
•
Access the MMFSR and BFSR with a halfword access to 0xE000ED28
•
Access the BFSR with a byte access to 0xE000ED29
•
Access the UFSR with a halfword access to 0xE000ED2A.
The CFSR indicates the cause of a memory management fault, bus fault, or usage fault.
Figure 20. CFSR subregisters
Memory Management
Fault Status Register
31
16 15
8 7
0
Usage Fault Status Register
Bus Fault Status
Register
UFSR
BFSR
MMFSR
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
DIVBY
ZERO
UNALI
GNED
Reserved
NOCP
INVPC
INV
STATE
UNDEF
INSTR
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
rc_w1
15
14
13
12
11
10
9
8
76
54
3
21
0
BFARV
ALID
Reserved
STK
ERR
UNSTK
ERR
IMPRE
CIS
ERR
PRECI
S ERR
IBUS
ERR
MMAR
VALID
Reserved
MSTK
ERR
M
UNSTK
ERR
Res.
DACC
VIOL
IACC
VIOL
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:26
Reserved, must be kept cleared
Bit 25
DIVBYZERO: Divide by zero usage fault
When the processor sets this bit to 1, the PC value stacked for the exception return points to
the instruction that performed the divide by zero.
Enable trapping of divide by zero by setting the DIV_0_TRP bit in the CCR to 1, see
Configuration and control register (SCB_CCR) on page 137.
0: No divide by zero fault, or divide by zero trapping not enabled
1: The processor has executed an SDIV or UDIV instruction with a divisor of 0.
Bit 24
UNALIGNED: Unaligned access usage fault:
Enable trapping of unaligned accesses by setting the UNALIGN_TRP bit in the CCR to 1, see
Configuration and control register (SCB_CCR) on page 137.
Unaligned LDM, STM, LDRD, and STRD instructions always fault irrespective of the setting of
UNALIGN_TRP.
0: No unaligned access fault, or unaligned access trapping not enabled
1: the processor has made an unaligned memory access.
Bits 23:20
Reserved, must be kept cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com