Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 56 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 52Page - STMicroelectronics RM0312 Datasheet HTML 53Page - STMicroelectronics RM0312 Datasheet HTML 54Page - STMicroelectronics RM0312 Datasheet HTML 55Page - STMicroelectronics RM0312 Datasheet HTML 56Page - STMicroelectronics RM0312 Datasheet HTML 57Page - STMicroelectronics RM0312 Datasheet HTML 58Page - STMicroelectronics RM0312 Datasheet HTML 59Page - STMicroelectronics RM0312 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 275 page
background image
Power supply
RM0312
56/275
DocID022352 Rev 3
6
Power supply
The MCU has one power supply, VDD/VSS (1.65 to 3.6 V), to supply both the I/Os and the
internal voltage regulator. The voltage regulator has 2 modes: Main Voltage Regulator mode
(MVR) and Low Power Voltage Regulator mode (LPVR).
When entering Halt or Active-halt modes (described in Section 9.4.2: Halt mode and
Section 9.4.3: Active-halt mode), the system automatically switches from the MVR to the
LPVR in order to reduce current consumption.
The power-on reset (POR) guarantees a safe reset when the MCU is powered on.
Refer to the electrical characteristics section in the datasheet for details on the operating
range.
Figure 10. Power supply overview
1. Each power supply pair must be decoupled with filtering ceramic capacitors as shown above. These
capacitors must be placed as close as possible to, or below, the appropriate pins to ensure the correct
functionality of the device.
2. This 1 µF capacitor must be connected to the VDD pin.
3.
This 1 µF ceramic capacitor connected to PXS_VREG must be low ESR (ESR
).
Note:
The different power modes are described in Section 9: Power management on page 67.
( 1.55 V domain)
PX S_VREG
VDD IO
VDD
VSS IO
VSS
100 nF
(1)
VDD
(3)
1 μF
VDD
(2)
+1 μF
100 nF
(1)
ai18785
Analog blocks
Voltage regulator
- main voltage regulator (MVR)
- low power voltage regulator (LPVR)
16 MHz RC oscillator (HSI)
38 kHz RC oscillator (LSI)
Linear voltage regulator
Digital blocks
I/Os
STM8 MCU care
CPU
RAM
Flash program memory
Data EEPROM
Timers
Communication
peripherals
ProxSense interface
Transmit I/Os
Receive I/Os
Analog ProxSense system
VCORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com