Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 62 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 58Page - STMicroelectronics RM0312 Datasheet HTML 59Page - STMicroelectronics RM0312 Datasheet HTML 60Page - STMicroelectronics RM0312 Datasheet HTML 61Page - STMicroelectronics RM0312 Datasheet HTML 62Page - STMicroelectronics RM0312 Datasheet HTML 63Page - STMicroelectronics RM0312 Datasheet HTML 64Page - STMicroelectronics RM0312 Datasheet HTML 65Page - STMicroelectronics RM0312 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 275 page
background image
Clock control (CLK)
RM0312
62/275
DocID022352 Rev 3
8.1
Master clock (HSI clock)
The master clock of the system is a 16-MHz high-speed internal RC oscillator (HSI RC),
followed by a programmable prescaler.
The fHSI clock signal generated from the internal 16-MHz RC oscillator can then be divided
by a programmable divider (factor 1 to 8) to obtain fMASTER. This is programmed in the
Clock divider register (CLK_CKDIVR).
Note:
At startup the master clock source is automatically selected as HSI RC clock output divided
by 8 (HSI/8).
The HSI RC oscillator has the advantage of providing a 16-MHz master clock source with
50% duty cycle at low cost (no external components) and with a fast startup time.
The clock controller configures the master clock source as HSI RC clock output divided by 8
(fHSI/8), which helps ensure a safe startup in case of poor VDD conditions.
8.1.1
Peripheral clock gating (PCG)
Gating the clock to unused peripherals helps reduce power consumption. Peripheral clock
gating (PCG) mode selectively enables or disables the fMASTER clock connection to the
following peripherals at any time in run or slow mode:
TIM2
TIM3
TIM4
I2C
SPI
USART
AWU/BEEP (except LSI clock controlled by AWUEN bit in the Control/status register
(AWU_CSR) and by BEEPEN bit in the Beeper control/status register (BEEP_CSR)).
PXS (ProxSense)
WWDG
The Window Watchdog (WWDG) peripheral clock is the only one to be enabled by
default as it can be started by hardware if the corresponding option bit is set.
After a device reset, all peripheral clocks are disabled, except the WWDG clock. You can
enable the clock to any peripheral by setting the corresponding PCKEN bit in the Peripheral
clock gating register 1 (CLK_PCKENR1) or Peripheral clock gating register 2
(CLK_PCKENR2). To enable a peripheral, first enable the corresponding PCKEN bit in the
CLK_PCKENR registers and then set the peripheral enable bit in the peripheral control
registers.
To disable properly the peripheral, first disable the appropriate bit in the peripheral control
registers and then stop the corresponding clock.
The AWU counter is fed by the low speed internal specific clock (fLSI) different from fMASTER,
so that it continues to run even if the clock gating to this peripheral register is asserted. The
same is true for the beeper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com