Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 72 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 68Page - STMicroelectronics RM0312 Datasheet HTML 69Page - STMicroelectronics RM0312 Datasheet HTML 70Page - STMicroelectronics RM0312 Datasheet HTML 71Page - STMicroelectronics RM0312 Datasheet HTML 72Page - STMicroelectronics RM0312 Datasheet HTML 73Page - STMicroelectronics RM0312 Datasheet HTML 74Page - STMicroelectronics RM0312 Datasheet HTML 75Page - STMicroelectronics RM0312 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 275 page
background image
Power management
RM0312
72/275
DocID022352 Rev 3
In Active-halt mode with ProxSense, the HSI and LSI oscillators, the CPU and almost all the
peripherals are stopped. Only the HSI_PXS oscillator is running to drive the analog
ProxSense system.
The Main Voltage Regulator (MVR) is always kept ON, the MCU core clock is switched OFF
and all registers and RAM contents are preserved.
9.5
WFE registers
These registers are used to configure different interrupt sources as external interrupts or
WFE events. Refer to Section : Wait for event (WFE) mode on page 70
9.5.1
WFE control register 1 (WFE_CR1)
Address Offset: 0x00
Reset value: 0x00
7
654
3210
EXTI_EV3
EXTI_EV2
EXTI_EV1
EXTI_EV0
PXS_EV
Reserved
TIM2_EV1
TIM2_EV0
rw
rw
rw
rw
rw
rw
rw
Bit 7 EXTI_EV3: External interrupt event 3
0: Interrupt sources from pin 3 of all ports generate external interrupts.
1: Interrupt sources from pin 3 of all ports generate WFE events (no interrupt serviced).
This bit is written by software.
Bit 6 EXTI_EV2: External interrupt event 2
0: Interrupt sources from pin 2 of all ports generate external interrupts.
1: Interrupt sources from pin 2 of all ports generate WFE events (no interrupt serviced).
This bit is written by software.
Bit 5 EXTI_EV1: External interrupt event 1
0: Interrupt sources from pin 1 of all ports generate external interrupts.
1: Interrupt sources from pin 1 of all ports generate WFE events (no interrupt serviced).
This bit is written by software.
Bit 4 EXTI_EV0: External interrupt event 0
0: Interrupt sources from pin 0 of all ports generate external interrupts.
1: Interrupt sources from pin 0 of all ports generate WFE events (no interrupt serviced).
This bit is written by software.
Bit 3 PXS_EV: ProxSense interrupt
0: PXS interrupt sources generate external interrupts.
1: PXS interrupt sources logically ORed and configured to generate WFE events (no interrupt
serviced).
This bit is written by software.
Bit 2 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com