Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 63 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 59Page - STMicroelectronics RM0312 Datasheet HTML 60Page - STMicroelectronics RM0312 Datasheet HTML 61Page - STMicroelectronics RM0312 Datasheet HTML 62Page - STMicroelectronics RM0312 Datasheet HTML 63Page - STMicroelectronics RM0312 Datasheet HTML 64Page - STMicroelectronics RM0312 Datasheet HTML 65Page - STMicroelectronics RM0312 Datasheet HTML 66Page - STMicroelectronics RM0312 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 275 page
background image
DocID022352 Rev 3
63/275
RM0312
Clock control (CLK)
74
8.2
LSI clock
The LSI RC oscillator generates the fLSI clock. This clock is a 38-kHz Low Speed Internal
RC oscillator (LSI RC). It is used by the independent watchdog (IWDG), Auto-Wakeup unit
(AWU) and beeper (BEEP). The LSI is active in Active-halt mode and can be kept in run
mode.
8.3
Configurable clock-output capability (CCO)
The configurable clock output (CCO) capability outputs a clock on the external CLK_CCO
pin. The master clock is used to drive the clock output with a programmable prescaler which
can divide the clock frequency by a factor of 1, 2, 4 or 16.
The selection is controlled by the CCOSEL[2:0] bits in the Configurable clock output register
(CLK_CCOR).
The sequence to output the targeted clock starts with CCOEN=1 in Configurable clock
output register (CLK_CCOR). When CCOEN=1, the CCOSEL[2:0] bits are write protected.
To disable the clock output the user has to clear the CCOEN bit.
The configurable clock output has a configurable slope which must be adapted according to
the output frequency. It is recommended to select a buffer slope at least twice that of the
targeted output frequency.
8.4
CLK registers
8.4.1
Clock divider register (CLK_CKDIVR)
Address offset: 0x00
Reset value: 0x03
7
654
3210
Reserved
HSIDIV[1:0]
rw
Bits 7:2 Reserved
Bits 1:0 HSIDIV[1:0]: High speed internal clock prescaler
00: fMASTER= fHSI RC output
01: fMASTER= fHSI RC output/2
10: fMASTER= fHSI RC output/4
11: fMASTER= fHSI RC output/8
These bits are written by software to define the HSIDIV prescaling factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com