Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 58 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 54Page - STMicroelectronics RM0312 Datasheet HTML 55Page - STMicroelectronics RM0312 Datasheet HTML 56Page - STMicroelectronics RM0312 Datasheet HTML 57Page - STMicroelectronics RM0312 Datasheet HTML 58Page - STMicroelectronics RM0312 Datasheet HTML 59Page - STMicroelectronics RM0312 Datasheet HTML 60Page - STMicroelectronics RM0312 Datasheet HTML 61Page - STMicroelectronics RM0312 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 275 page
background image
Reset (RST) and voltage detection
RM0312
58/275
DocID022352 Rev 3
An internal temporization maintains a pulse of at least 20 µs for every internal reset source.
An additional internal weak pull-up ensures a high level on the reset pin when the reset is
not forced.
Refer to Figure 11 and see electrical parameters section in the datasheet for more details.
7.2.2
Configuring NRST/PA5 pin as general purpose output
To optimize the number of available pins, the NRST pin (external reset) can be configured
as a general purpose push-pull output (PA5).
For security, this configuration can be performed once only after reset, by writing a specified
key (D0h) to the Reset pin configuration register (RST_CR).
When the PA5 pin is configured as a general purpose output the MCU can be reset only by
a power-on reset (POR) or other internal reset source.
7.3
Internal reset
For internal reset sources, the RESET pin is kept low during the delay phase generated by
the pulse generator.
Each internal reset source is linked to a specific flag bit in the Reset status register
(RST_SR). These flags are set respectively at reset state depending on the given reset
source. So they are used to identify the last reset source. They are cleared by software
writing the logic value “1”.
Note:
All flags besides the POR flag are reset at POR.
7.3.1
Power-on reset (POR)
During power-on, the POR keeps the device under reset until the supply voltage (VDD)
reaches a specified voltage and then holds reset active even longer for a specified time in
order to assure that VDD has reached the minimum operating voltage before releasing the
RESET pin. See electrical parameters section in the datasheet for more details.
7.3.2
Independent watchdog reset
See the independent watchdog section for details.
A reset can be triggered by the application software using the independent watchdog.
7.3.3
SWIM reset
An external device connected to the SWIM interface can request the SWIM block to
generate an MCU reset.
7.3.4
Illegal opcode reset
In order to provide enhanced robustness to the device against unexpected behavior, a
system of illegal opcode detection is implemented. If a code to be executed does not
correspond to any opcode or prebyte value, a reset is generated. This, combined with the
watchdog, allows recovery from an unexpected fault or interference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com