Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 73 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 69Page - STMicroelectronics RM0312 Datasheet HTML 70Page - STMicroelectronics RM0312 Datasheet HTML 71Page - STMicroelectronics RM0312 Datasheet HTML 72Page - STMicroelectronics RM0312 Datasheet HTML 73Page - STMicroelectronics RM0312 Datasheet HTML 74Page - STMicroelectronics RM0312 Datasheet HTML 75Page - STMicroelectronics RM0312 Datasheet HTML 76Page - STMicroelectronics RM0312 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 275 page
background image
DocID022352 Rev 3
73/275
RM0312
Power management
74
9.5.2
WFE control register 2 (WFE_CR2)
Address offset: 0x01
Reset value: 0x00
Bit 1 TIM2_EV1: TIM2 event 1
0: TIM2 capture and compare interrupt sources generate external interrupts.
1: TIM2 capture and compare interrupt sources logically ORed and configured to generate WFE
events (no interrupt serviced).
This bit is written by software.
Bit 0 TIM2_EV0: TIM2 event 0
0: TIM2 update, trigger and break interrupt sources generate external interrupts.
1: TIM2 update, trigger and break interrupt sources logically ORed and configured to generate WFE
events (no interrupt serviced).
This bit is written by software.
7
654
3210
Reserved
EXTI_EVD
EXTI_EVB
EXTI_EV7
EXTI_EV6
EXTI_EV5
EXTI_EV4
rw
rw
rw
rw
rw
rw
Bits 7:6 Reserved
Bit 5 EXTI_EVD: External interrupt event on Port D
0: Interrupt sources from Port D generate external interrupts.
1: Interrupt sources from Port D generate WFE events (no interrupt serviced).
This bit is written by software.
Bit 4 EXTI_EVB: External interrupt event on Port B
0: Interrupt sources from Port B generate external interrupts.
1: Interrupt sources from Port B generate WFE events (no interrupt serviced).
This bit is written by software
Bit 3 EXTI_EV7: External interrupt event 7
0: Interrupt sources from pin 7 of all ports generate external interrupts.
1: Interrupt sources from pin 7 of all ports generate WFE events (no interrupt serviced).
This bit is written by software.
Bit 2 EXTI_EV6: External interrupt event 6
0: Interrupt sources from pin 6 of all ports generate external interrupts.
1: Interrupt sources from pin 6 of all ports generate WFE events (no interrupt serviced).
This bit is written by software.
Bit 1 EXTI_EV5: External interrupt event 5
0: Interrupt sources from pin 5 of all ports generate external interrupts.
1: Interrupt sources from pin 5 of all ports generate WFE events (no interrupt serviced).
This bit is written by software.
Bit 0 EXTI_EV4: External interrupt event 4
0: Interrupt sources from pin 4 of all ports generate external interrupts.
1: Interrupt sources from pin 4 of all ports generate WFE events (no interrupt serviced).
This bit is written by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com