Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 47 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 43Page - STMicroelectronics RM0312 Datasheet HTML 44Page - STMicroelectronics RM0312 Datasheet HTML 45Page - STMicroelectronics RM0312 Datasheet HTML 46Page - STMicroelectronics RM0312 Datasheet HTML 47Page - STMicroelectronics RM0312 Datasheet HTML 48Page - STMicroelectronics RM0312 Datasheet HTML 49Page - STMicroelectronics RM0312 Datasheet HTML 50Page - STMicroelectronics RM0312 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 275 page
background image
DocID022352 Rev 3
47/275
RM0312
Interrupt controller (ITC)
55
5.6
External interrupts
Ten interrupt vectors are dedicated to external Interrupt events:
•
EXTIB - 8 lines on Port B: PB[7:0]
•
EXTID - 8 lines on Port D: PD[7:0]
•
EXTI0 - 4 lines on Port A/B/C/D, bit 0: Px[0]
•
EXTI1 - 3 lines on Port A/B/D
•
EXTI2 - 3 lines on Port A/B/D
•
EXTI3 - 3 lines on Port A/B/D
•
EXTI4 - 3 lines on Port A/B/D
•
EXTI5 - 2 lines on Port B/D
•
EXTI6 - 3 lines on Port A/B/D
•
EXTI7 - 3 lines on Port A/B/D
To generate an interrupt, the corresponding GPIO port must be configured in input mode
with interrupts enabled. Refer to the register description in the GPIO chapter for details.
When an external interrupt occurs, the corresponding bit is set in the EXTI_SRx status
register. This indicates a pending interrupt. Clearing this bit, writing a 1 in it, clears the
corresponding pending external interrupt.
The interrupt sensitivity must be configured in the external interrupt control register 1
(EXTI_CR1), external interrupt control register 2 (EXTI_CR2), and external interrupt control
register 3 (EXTI_CR3) (see Section 5.9.5, Section 5.9.6 and Section 5.9.7).
5.7
Interrupt instructions
Table 12 shows the interrupt instructions.
Table 11. External interrupt sensitivity
GPIO port
Interrupt sensitivity
Configuration register
EXTI0 to EXTI3 on port A, B, C
and D
Falling edge and low level
Rising edge only
Falling edge only
Rising and falling edge
EXTI_CR1
EXTI4 to EXTI7 of port A, B, C
and D
EXTI_CR2
EXTIB and EXTID
EXTI_CR3
Table 12. Dedicated interrupt instruction set
Instruction
New description
Function/example
I1
H
I0
N
Z
C
HALT
Entering Halt mode
1
0
IRET
Interrupt routine return
Pop CCR, A, X, Y, PC
I1
H
I0
N
Z
C
JRM
Jump if I1:0=11 (level 3)
I1:0=11 ?
JRNM
Jump if I1:0<>11
I1:0<>11 ?
POP CC
Pop CCR from the stack
Memory => CCR
I1
H
I0
N
Z
C
PUSH CC
Push CC on the stack
CC =>Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com